Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82K75RE Datasheet(PDF) 41 Page - Holtek Semiconductor Inc

Part # HT82K75RE
Description  I/O Type 8-Bit OTP MCU
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K75RE Datasheet(HTML) 41 Page - Holtek Semiconductor Inc

Back Button HT82K75RE Datasheet HTML 37Page - Holtek Semiconductor Inc HT82K75RE Datasheet HTML 38Page - Holtek Semiconductor Inc HT82K75RE Datasheet HTML 39Page - Holtek Semiconductor Inc HT82K75RE Datasheet HTML 40Page - Holtek Semiconductor Inc HT82K75RE Datasheet HTML 41Page - Holtek Semiconductor Inc HT82K75RE Datasheet HTML 42Page - Holtek Semiconductor Inc HT82K75RE Datasheet HTML 43Page - Holtek Semiconductor Inc HT82K75RE Datasheet HTML 44Page - Holtek Semiconductor Inc HT82K75RE Datasheet HTML 45Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 66 page
background image
Absolute Maximum Ratings
Supply Voltage ..........................VSS
-0.3V to VSS+6.0V
Storage Temperature ............................
-50°Cto125°C
Input Voltage .............................VSS
-0.3V to VCC+0.3V
Operating Temperature...........................
-40°Cto85°C
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those listed
in the specification is not implied and prolonged exposure to extreme conditions may affect device reliability.
D.C. Characteristics
Ta=
-40°C~85°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VCC
Conditions
ICC1*
Operating Current
3V
Read at 100kHz
¾¾
1mA
ICC2*
Operating Current
3V
Write at 100kHz
¾¾
3mA
ISTB*
Standby Current
3V
VIN=0 or VCC
¾¾
3
mA
Note:
²*² The operating current ICC1 and ICC2 listed here are the additional currents consumed when the EEPROM
Memory operates in Read Operation and Write Operation respectively. If the EEPROM is operating, the ICC1
or ICC2 should be added to calculate the relevant operating current of the device for different conditions. To
calculate the standby current for the whole device, the standby current shown above should also be taken into
account.
A.C. Characteristics
Ta=
-40°C~85°C
Symbol
Parameter
Remark
Standard Mode*
Unit
Min.
Max.
fSK
SCL Clock Frequency
¾¾
100
kHz
tHIGH
Clock High Time
¾
4000
¾
ns
tLOW
Clock Low Time
¾
4700
¾
ns
tr
SDA and SCL Rise Time
Note
¾
1000
ns
tf
SDA and SCL Fall Time
Note
¾
300
ns
tHD:STA
START Condition Hold Time
After this period the first clock
pulse is generated
4000
¾
ns
tSU:STA
START Condition Setup Time
Only relevant for repeated START
condition
4000
¾
ns
tHD:DAT
Data Input Hold Time
¾
0
¾
ns
tSU:DAT
Data Input Setup Time
¾
200
¾
ns
tSU:STO
STOP Condition Setup Time
¾
4000
¾
ns
tAA
Output Valid from Clock
¾¾
3500
ns
tBUF
Bus Free Time
Time in which the bus must be free
before a new transmission can start
4700
¾
ns
tSP
Input Filter Time Constant
(SDA and SCL Pins)
Noise suppression time
¾
100
ns
tWR
Write Cycle Time
¾¾
5ms
Note:
These parameters are periodically sampled but not 100% tested
* The standard mode means VCC=2.2V to 3.6V
For relative timing, refer to timing diagrams
HT82M75R/HT82M75RE
HT82K75R/HT82K75RE
Rev. 1.30
41
November 24, 2010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com