Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82K75RE Datasheet(PDF) 10 Page - Holtek Semiconductor Inc

Part # HT82K75RE
Description  I/O Type 8-Bit OTP MCU
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K75RE Datasheet(HTML) 10 Page - Holtek Semiconductor Inc

Back Button HT82K75RE Datasheet HTML 6Page - Holtek Semiconductor Inc HT82K75RE Datasheet HTML 7Page - Holtek Semiconductor Inc HT82K75RE Datasheet HTML 8Page - Holtek Semiconductor Inc HT82K75RE Datasheet HTML 9Page - Holtek Semiconductor Inc HT82K75RE Datasheet HTML 10Page - Holtek Semiconductor Inc HT82K75RE Datasheet HTML 11Page - Holtek Semiconductor Inc HT82K75RE Datasheet HTML 12Page - Holtek Semiconductor Inc HT82K75RE Datasheet HTML 13Page - Holtek Semiconductor Inc HT82K75RE Datasheet HTML 14Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 66 page
background image
HT82M75R/HT82M75RE
HT82K75R/HT82K75RE
Rev. 1.30
10
November 24, 2010
¨ The three methods are shown as follows: The in-
structions
²TABRDC [m]² (the current page, one
page=256words), where the table location is de-
fined by TBLP (07H) in the current page. And the
configuration option TBHP is disabled (default).
¨ The instructions
²TABRDC [m]², where the table lo-
cation is defined by registers TBLP (07H) and
TBHP (01FH). And the configuration option TBHP
is enabled.
¨ The instructions
²TABRDL [m]², where the table lo-
cation is defined by register TBLP (07H) in the last
page (F00H~FFFH).
Only the destination of the lower-order byte in the ta-
ble is well-defined, the other bits of the table word are
transferred to the lower portion of TBLH, and the re-
maining 1-bit words are read as
²0². The Table
Higher-order byte register (TBLH) is read only. The ta-
ble pointer (TBLP, TBHP) is a read/write register (07H,
1FH), which indicates the table location. Before ac-
cessing the table, the location must be placed in the
TBLP and TBHP (If the configuration option TBHP is
disabled, the value in TBHP has no effect). The TBLH
is read only and cannot be restored. If the main rou-
tine and the ISR (Interrupt Service Routine) both em-
ploy the table read instruction, the contents of the
TBLH in the
main routine are likely to be changed by the table read
instruction used in the ISR. Errors can occur. In other
words, using the table read instruction in the main rou-
tine and the ISR simultaneously should be avoided.
However, if the table read instruction has to be applied
in both the main routine and the ISR, the interrupt
should be disabled prior to the table read instruction. It
will not be enabled until the TBLH has been backed
up. All table related instructions require two cycles to
complete the operation. These areas may function as
normal program memory depending on the require-
ments.
Once TBHP is enabled, the instruction
²TABRDC [m]²
reads the ROM data as defined by TBLP and TBHP
value. Otherwise, the configuration option TBHP is
disabled, the instruction
²TABRDC [m]² reads the
ROM data as defined by TBLP and the current pro-
gram counter bits.
Table Program Example
The following example shows how the table pointer and
table data is defined and retrieved from the
microcontroller. This example uses raw table data lo-
cated in the last page which is stored there using the
ORG statement. The value at this ORG statement is
²F00H² which refers to the start address of the last page
within the 4K Program Memory of device. The table
pointer is setup here to have an initial value of
²06H².
This will ensure that the first data read from the data ta-
ble will be at the Program Memory address
²F06H² or 6
locations after the start of the last page. Note that the
value for the table pointer is referenced to the first ad-
dress of the present page if the
²TABRDC [m]² instruc-
tion is being used. The high byte of the table data which
in this case is equal to zero will be transferred to the
TBLH register automatically when the
²TABRDL [m]² in-
struction is executed.
P r o g r a m
M e m o r y
P r o g r a m C o u n t e r
H i g h B y t e
T B L P
T B L H
S p e c i f i e d b y [ m ]
T a b l e C o n t e n t s H i g h B y t e
T a b l e C o n t e n t s L o w B y t e
Table Read
- TBLP only
P r o g r a m
M e m o r y
T B L H
S p e c i f i e d b y [ m ]
H i g h B y t e o f T a b l e C o n t e n t s
L o w B y t e o f T a b l e C o n t e n t s
T B L P
T B H P
Table Read
- TBLP/TBHP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com