Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82K75RE Datasheet(PDF) 30 Page - Holtek Semiconductor Inc

Part # HT82K75RE
Description  I/O Type 8-Bit OTP MCU
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K75RE Datasheet(HTML) 30 Page - Holtek Semiconductor Inc

Back Button HT82K75RE Datasheet HTML 26Page - Holtek Semiconductor Inc HT82K75RE Datasheet HTML 27Page - Holtek Semiconductor Inc HT82K75RE Datasheet HTML 28Page - Holtek Semiconductor Inc HT82K75RE Datasheet HTML 29Page - Holtek Semiconductor Inc HT82K75RE Datasheet HTML 30Page - Holtek Semiconductor Inc HT82K75RE Datasheet HTML 31Page - Holtek Semiconductor Inc HT82K75RE Datasheet HTML 32Page - Holtek Semiconductor Inc HT82K75RE Datasheet HTML 33Page - Holtek Semiconductor Inc HT82K75RE Datasheet HTML 34Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 66 page
background image
HT82M75R/HT82M75RE
HT82K75R/HT82K75RE
Rev. 1.30
30
November 24, 2010
DC-to-DC Converter (DC/DC) Section
This circuit is used to generate a stable 2.8V or 3.0V or
3.3V (error
±5%) power voltage for whole IC and output
to the IRPT. The clock of DC/DC is 140kHz. Also it can
detect the battery voltage. If the battery voltage drops to
2.2V or 2.0V determined by a configuration option (er -
ror
±5%), the DC/DC circuit will output a Low Voltage De-
tect signal LVD (2.2V/2.0V Low battery flag stored in as-
sociated flag bit of the Control Register CTLR.2) to
MCU. Also there is a low voltage reset (LVR) circuit to
check the DC/DC output voltage. When the DC/DC out-
put voltage drops to 2.4V, the MCU will be reset. The
LVR function is controlled by a configuration together
with a software control bit named DC_ctrl in the Control
Register CTLR. To enable the LVR function, the configu-
ration option of LVR function has to be enabled and the
control bit DC_ctrl must be set to 0 to enable the DC/DC
circuit. If the configuration option is selected to disable
the LVR function or the DC_ctrl bit is set to 1 to disable
the DC/DC circuit, then the LVR function will be dis-
abled. If the LVR function is enabled by appropriate set-
ting of the configuration option and software control bit
as mentioned above, then the LVR still works even if the
MCU enters into the Power Down Mode. It is recom-
mended that the LVR function is enabled when the MCU
is in the Power Down Mode.
When the DC/DC output voltage drops to 2.2V, the
DC/DC can still work properly and is capable of output-
ting driving current with 100mA typically.
As the voltage of the Battery-in pin drops to 1.78V, the
DC/DC still has the capability of outputting current with
40mA at least.
The DC/DC output signal 1.78V/2.0V/2.2V/2.5V/2.8V
LVD is connected to the associated flag in Control Reg-
ister (i.e. bit 2 in CTLR).
Test_DC is the internal test pin of the DC_DC.
D C / D C w i t h
V o l t a g e D e t e c t o r
B A T _ I N
D C _ O u t
T e s t _ D C
L X
2 . 4 L V R
1 . 8 V / 2 . 0 V / 2 . 2 V / 2 . 5 V / 2 . 8 V L V D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com