Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VMEM Datasheet(PDF) 6 Page - Vectron International, Inc

Part # VMEM
Description  Military Clock Oscillator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VMEM Datasheet(HTML) 6 Page - Vectron International, Inc

  VMEM Datasheet HTML 1Page - Vectron International, Inc VMEM Datasheet HTML 2Page - Vectron International, Inc VMEM Datasheet HTML 3Page - Vectron International, Inc VMEM Datasheet HTML 4Page - Vectron International, Inc VMEM Datasheet HTML 5Page - Vectron International, Inc VMEM Datasheet HTML 6Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Page6
Standard Frequencies (MHz)
2.000
3.686
4.000
4.032
4.9152
5.000
6.000
7.3728
7.680
8.000
9.216
9.600
10.000
12.000
12.500
12.729
14.31818
14.746
16.000
16.128
17.000
20.000
21.000
21.500
22.000
23.000
24.000
25.000
26.000
27.000
29.4912
30.000
32.000
33.000
33.333
36.000
37.500
40.000
42.500
45.000
48.000
50.000
55.000
56.448
58.320
60.000
64.000
66.000
66.666
72.000
75.000
80.000
83.333
84.000
95.000
100.000
110.000
112.500
114.000
115.200
116.640
125.000
127.872
Other Frequencies Available Upon Request.
VMEMxQ - x 3 x - 25M0000000
Product Family
Ruggedized MEM’s Oscillator
Package Size
5: 5.0x3.2mm
3: 3.2x2.5mm
2: 2.5x2.0mm
Voltage Options
B: +3.3Vdc
J: +2.7Vdc
G: +2.5Vdc
H: +1.8Vdc
Electrical Options
3: Enable/Disable, 45/55% Duty Cycle
Frequency (See Above)
In MHz
Stability Options
A: ±100ppm, -20 to 70°C
B: ±50ppm, -20 to 70°C
C: ±100ppm, -40 to 85°C
D: ±50ppm, -40 to 85°C
E: ±25ppm, -10 to 70°C
F: ±25ppm, -40 to 85°C
Example: VMEM2Q-H3D-40M0000000 = 2.5x2.0, +1.8V, E/D, 45/55%, ±50ppm over -40/85°C with a 40.000MHz output
Ordering Information
Disclaimer
Vectron International reserves the right to make changes to the product(s) and or information contained herein without notice. No liability is assumed as a result of their use or application.
No rights under any patent accompany the sale of any such product(s) or information.
Rev: 03/26/2010
For Additional Information, Please Contact
USA:
Vectron International
267 Lowell Road
Hudson, NH 03051
Tel: 1.888.328.7661
Fax: 1.888.329.8328
Europe:
Vectron International
Landstrasse, D-74924
Neckarbischofsheim, Germany
Tel: +49 (0) 3328.4784.17
Fax: +49 (0) 3328.4784.30
Asia:
Vectron International
1F-2F, No 8 Workshop, No 308 Fenju Road
WaiGaoQiao Free Trade Zone
Pudong, Shanghai, China 200131
Tel: 86.21.5048.0777
Fax: 86.21.5048.1881



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com