Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VMEM Datasheet(PDF) 1 Page - Vectron International, Inc

Part # VMEM
Description  Military Clock Oscillator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VMEM Datasheet(HTML) 1 Page - Vectron International, Inc

  VMEM Datasheet HTML 1Page - Vectron International, Inc VMEM Datasheet HTML 2Page - Vectron International, Inc VMEM Datasheet HTML 3Page - Vectron International, Inc VMEM Datasheet HTML 4Page - Vectron International, Inc VMEM Datasheet HTML 5Page - Vectron International, Inc VMEM Datasheet HTML 6Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
VMEM
Military Clock Oscillator
Features
Applications
Description
VMEM
Vectron’s VMEM high shock resistant Clock Oscillator is the next generation ruggedized silicon MEMS based stabilized square wave
generator with a CMOS output, operating off a +1.8, +2.5, +2.7 or +3.3Vdc supply.
The VMEM uses an internal compensation scheme to improve temperature stability which produces temperature performance equivalent
to quartz based products.
Silicon Resonator
•
High Shock Survivability
•
+1.8V, +2.5V, +2.7V or +3.3V Operation
•
CMOS Output
•
Output Frequencies to 150 MHz
•
Enable/Disable for Board Test and Debug
•
-20/70°C or –40/85°C Operating Temperature
•
Industry Standard 5.0 x 3.2, 3.2 x 2.5 or 2.5 x 2.0 SMD Footprints
•
Product is Compliant to RoHS Directive and Fully Compatible
•
with Lead Free Assembly
Smart Munitions
•
Projectile Electronics
•
Missiles
•
High Shock & Vibration Applications
•
Page1


Similar Part No. - VMEM

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
VME64 CTS-VME64 Datasheet
61Kb / 2P
Terminator
logo
Actel Corporation
VME64 ACTEL-VME64 Datasheet
155Kb / 2P
VME64 Slave Controller
logo
CTS Corporation
VME64X CTS-VME64X Datasheet
61Kb / 2P
Terminator
logo
Festo Corporation.
VMEF-K-M52-M-G14 FESTO-VMEF-K-M52-M-G14 Datasheet
84Kb / 2P
Roller lever valve
VMEF-K-M52-M-G18 FESTO-VMEF-K-M52-M-G18 Datasheet
85Kb / 2P
Roller lever valve
More results

Similar Description - VMEM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ECS-100 ETC1-ECS-100 Datasheet
100Kb / 1P
CLOCK OSCILLATOR
FXO25TABF ETC2-FXO25TABF Datasheet
129Kb / 1P
CLOCK OSCILLATOR
CCO-014S ETC2-CCO-014S Datasheet
116Kb / 1P
Clock Oscillator
logo
ECS, Inc.
ECS-200 ECS-ECS-200 Datasheet
100Kb / 1P
CLOCK OSCILLATOR
ECS-200X ECS-ECS-200X Datasheet
182Kb / 1P
CLOCK OSCILLATOR
logo
ON Semiconductor
NBXDBB017 ONSEMI-NBXDBB017 Datasheet
131Kb / 8P
Clock Oscillator
March, 2009 ??Rev. 2
logo
Vectron International, ...
PX-4000-DAA-B VECTRON-PX-4000-DAA-B Datasheet
320Kb / 4P
Clock Oscillator
PX-5010-EAJ105 VECTRON-PX-5010-EAJ105 Datasheet
1Mb / 7P
Clock Oscillator
PX-7010-DAJ-105 VECTRON-PX-7010-DAJ-105 Datasheet
1Mb / 7P
Clock Oscillator
logo
Advanced Crystal Techno...
90H57 ACT-90H57 Datasheet
174Kb / 2P
Clock oscillator
01/02/2017
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com