Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VMEM Datasheet(PDF) 3 Page - Vectron International, Inc

Part # VMEM
Description  Military Clock Oscillator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VMEM Datasheet(HTML) 3 Page - Vectron International, Inc

  VMEM Datasheet HTML 1Page - Vectron International, Inc VMEM Datasheet HTML 2Page - Vectron International, Inc VMEM Datasheet HTML 3Page - Vectron International, Inc VMEM Datasheet HTML 4Page - Vectron International, Inc VMEM Datasheet HTML 5Page - Vectron International, Inc VMEM Datasheet HTML 6Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Page3
Table 2. Absolute Maximum Ratings
Parameter
Symbol
Ratings
Unit
Power Supply
V
DD
-0.3 to +4.0
V
CMOS Input Voltage
E/D
-0.3 to (V
DD
+0.3)
V
Junction Temperature
T
J
150
°C
Storage Temperature
T
STR
-62 to 125
°C
Soldering Temperature / Duration
T
PEAK
/ t
P
260 / 40
°C / sec
Under normal operation the E/D is set to a logic high state or logic low state. When E/D is set to a logic low, the oscillator stops
and the output is in a high impedance state. This helps reduce power consumption as well as facilitating board testing and
troubleshooting. When E/D is set to a logic high state, the oscillator produces an output. Leaving the Enable/Disable pin open
results in an active state with an output frequency.
Enable/Disable Functional Description
Outline Drawing, 5.0x3.2 option
Suggested Pad Layout
Contact Pads are gold flash over palladium over nickel
Figure 3, 5.0x3.2 Package drawing
Table 3. Pin Out
Pin
Symbol
Function
1
E/D
Enable/Disable
2
GND
Electrical Ground
3f
O
Output Frequency
4V
DD
Supply Voltage
Units: mm (inches)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com