Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VMEM Datasheet(PDF) 2 Page - Vectron International, Inc

Part # VMEM
Description  Military Clock Oscillator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VMEM Datasheet(HTML) 2 Page - Vectron International, Inc

  VMEM Datasheet HTML 1Page - Vectron International, Inc VMEM Datasheet HTML 2Page - Vectron International, Inc VMEM Datasheet HTML 3Page - Vectron International, Inc VMEM Datasheet HTML 4Page - Vectron International, Inc VMEM Datasheet HTML 5Page - Vectron International, Inc VMEM Datasheet HTML 6Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Description
Page2
Performance Specifications
Specifications
Table 1. Electrical Performance
Parameter
Symbol
Min
Typical
Maximum
Units
Frequency
f
O
1.000
150.000
MHz
Stability (ordering option)
Δ f/f
o
±25, ±50, ±100
ppm
Operating Temperature (ordering option)
T
OP
-20/70 or -40/85
°C
Operating Supply Voltage1
(ordering option)
V
DD
1.65
2.3
2.45
3.0
1.8
2.5
2.7
3.3
1.95
2.7
2.95
3.6
V
V
V
V
Supply Current, Output Enabled
1 to 40MHz
40.01 to 80MHz
80.01 to 125MHz
125.01 to 150MHz
I
DD
3
4
5
6
6
8
10
12
mA
mA
mA
mA
Supply Current, Output Disabled
I
DD
1uA
Output Logic Levels
Output Logic High2
Output Logic Low2
V
OH
V
OL
0.8*V
DD
0.2*V
DD
V
V
Output Load
15
pf
Output Rise/Fall Time2
t
R
t
F
1.3
1.3
3
3
ns
ns
Duty Cycle3
SYM
45/55
%
Period Jitter4, RMS, 80MHz Output
Peak to Peak
9
75
ps
ps
Start-up Time
t
SU
310
ms
Enable/Disable5
Output Enabled
Output Disabled
V
IH
V
IL
0.75*V
DD
0.25*V
DD
V
V
Fig 1: Test Circuit
Fig 2: Output Waveform
t
R
t
F
V
OH
V
OL
50%
On Time
Period
I
DD
V
DD
V
C
I
C
15pF
4
12
3
.1μF
+
-
+
-
A 0.01uF and a 0.1uF capacitor should be located as close to the supply as possible (to ground) is recommended.
1]
Figure 2 defines these parameters. Figure 1 illustrates the operating conditions under which these parameters are tested and specified.
2]
Duty Cycle is measured defined as On Time/Period.
3]
Measured using a Wavecrest SIA3300C, 90K samples
4]
Output will be active if Enable/Disable is left open.
5]



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com