Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25VF080B Datasheet(PDF) 26 Page - Microchip Technology

Part # SST25VF080B
Description  8 Mbit SPI Serial Flash
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25VF080B Datasheet(HTML) 26 Page - Microchip Technology

Back Button SST25VF080B Datasheet HTML 22Page - Microchip Technology SST25VF080B Datasheet HTML 23Page - Microchip Technology SST25VF080B Datasheet HTML 24Page - Microchip Technology SST25VF080B Datasheet HTML 25Page - Microchip Technology SST25VF080B Datasheet HTML 26Page - Microchip Technology SST25VF080B Datasheet HTML 27Page - Microchip Technology SST25VF080B Datasheet HTML 28Page - Microchip Technology SST25VF080B Datasheet HTML 29Page - Microchip Technology SST25VF080B Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
©2011 Silicon Storage Technology, Inc.
S71296-05-000
02/11
26
8 Mbit SPI Serial Flash
SST25VF080B
Data Sheet
A Microchip Technology Company
Table 16:AC Operating Characteristics (SST25VF080B-80-xx-xxxx)
33 MHz
80 MHz
Symbol
Parameter
Min
Max
Min
Max
Units
FCLK1
Serial Clock Frequency
33
80
MHz
TSCKH
Serial Clock High Time
13
6
ns
TSCKL
Serial Clock Low Time
13
6
ns
TSCKR2
Serial Clock Rise Time (Slew Rate)
0.1
0.1
V/ns
TSCKF
Serial Clock Fall Time (Slew Rate)
0.1
0.1
V/ns
TCES3
CE# Active Setup Time
5
5
ns
TCEH5
CE# Active Hold Time
5
5
ns
TCHS5
CE# Not Active Setup Time
5
5
ns
TCHH5
CE# Not Active Hold Time
5
5
ns
TCPH
CE# High Time
50
50
ns
TCHZ
CE# High to High-Z Output
7
7
ns
TCLZ
SCK Low to Low-Z Output
0
0
ns
TDS
Data In Setup Time
2
2
ns
TDH
Data In Hold Time
4
4
ns
THLS
HOLD# Low Setup Time
5
5
ns
THHS
HOLD# High Setup Time
5
5
ns
THLH
HOLD# Low Hold Time
5
5
ns
THHH
HOLD# High Hold Time
5
5
ns
THZ
HOLD# Low to High-Z Output
7
7
ns
TLZ
HOLD# High to Low-Z Output
7
7
ns
TOH
Output Hold from SCK Change
0
0
ns
TV
Output Valid from SCK
10
6
ns
TSE
Sector-Erase
25
25
ms
TBE
Block-Erase
25
25
ms
TSCE
Chip-Erase
50
50
ms
TBP
Byte-Program
10
10
µs
T16.0 1296
1. Maximum clock frequency for Read Instruction, 03H, is 33 MHz
2. Maximum Rise and Fall time may be limited by TSCKH and TSCKL requirements
3. Relative to SCK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com