Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25VF080B Datasheet(PDF) 17 Page - Microchip Technology

Part # SST25VF080B
Description  8 Mbit SPI Serial Flash
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25VF080B Datasheet(HTML) 17 Page - Microchip Technology

Back Button SST25VF080B Datasheet HTML 13Page - Microchip Technology SST25VF080B Datasheet HTML 14Page - Microchip Technology SST25VF080B Datasheet HTML 15Page - Microchip Technology SST25VF080B Datasheet HTML 16Page - Microchip Technology SST25VF080B Datasheet HTML 17Page - Microchip Technology SST25VF080B Datasheet HTML 18Page - Microchip Technology SST25VF080B Datasheet HTML 19Page - Microchip Technology SST25VF080B Datasheet HTML 20Page - Microchip Technology SST25VF080B Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
©2011 Silicon Storage Technology, Inc.
S71296-05-000
02/11
17
8 Mbit SPI Serial Flash
SST25VF080B
Data Sheet
A Microchip Technology Company
32-KByte and 64-KByte Block-Erase
The 32-KByte Block-Erase instruction clears all bits in the selected 32 KByte block to FFH. A Block-
Erase instruction applied to a protected memory area will be ignored. The 64-KByte Block-Erase instruc-
tion clears all bits in the selected 64 KByte block to FFH. A Block-Erase instruction applied to a protected mem-
ory area will be ignored. Prior to any Write operation, the Write-Enable (WREN) instruction must be executed.
CE# must remain active low for the duration of any command sequence. The 32-KByte Block-Erase
instruction is initiated by executing an 8-bit command, 52H, followed by address bits [A23-A0]. Address
bits [AMS-A15](AMS = Most Significant Address) are used to determine block address (BAX), remaining
address bits can be VIL or VIH. CE# must be driven high before the instruction is executed. The 64-KByte Block-
Erase instruction is initiated by executing an 8-bit command D8H, followed by address bits [A23-A0]. Address bits
[AMS-A15] are used to determine block address (BAX), remaining address bits can be VIL or VIH. CE# must be
driven high before the instruction is executed. The user may poll the Busy bit in the software status register or
wait TBE for the completion of the internal self-timed 32-KByte Block-Erase or 64-KByte Block-Erase
cycles. See Figures 13 and 14 for the 32-KByte Block-Erase and 64-KByte Block-Erase sequences.
Figure 13:32-KByte Block-Erase Sequence
Figure 14:64-KByte Block-Erase Sequence
CE#
SO
SI
SCK
ADDR
01 2 3 4 5 6 7 8
ADDR
ADDR
52
HIGH IMPEDANCE
15 16
23 24
31
MODE 0
MODE 3
1296 32KBklEr.0
MSB
MSB
CE#
SO
SI
SCK
ADDR
01 2 3 4 5 6 7 8
ADDR
ADDR
D8
HIGH IMPEDANCE
15 16
23 24
31
MODE 0
MODE 3
1296 63KBlkEr.0
MSB
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com