Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25VF080B Datasheet(PDF) 18 Page - Microchip Technology

Part # SST25VF080B
Description  8 Mbit SPI Serial Flash
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25VF080B Datasheet(HTML) 18 Page - Microchip Technology

Back Button SST25VF080B Datasheet HTML 14Page - Microchip Technology SST25VF080B Datasheet HTML 15Page - Microchip Technology SST25VF080B Datasheet HTML 16Page - Microchip Technology SST25VF080B Datasheet HTML 17Page - Microchip Technology SST25VF080B Datasheet HTML 18Page - Microchip Technology SST25VF080B Datasheet HTML 19Page - Microchip Technology SST25VF080B Datasheet HTML 20Page - Microchip Technology SST25VF080B Datasheet HTML 21Page - Microchip Technology SST25VF080B Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
©2011 Silicon Storage Technology, Inc.
S71296-05-000
02/11
18
8 Mbit SPI Serial Flash
SST25VF080B
Data Sheet
A Microchip Technology Company
Chip-Erase
The Chip-Erase instruction clears all bits in the device to FFH. A Chip-Erase instruction will be ignored
if any of the memory area is protected. Prior to any Write operation, the Write-Enable (WREN) instruction
must be executed. CE# must remain active low for the duration of the Chip-Erase instruction sequence.
The Chip-Erase instruction is initiated by executing an 8-bit command, 60H or C7H. CE# must be driven
high before the instruction is executed. The user may poll the Busy bit in the software status register or wait
TCE for the completion of the internal self-timed Chip-Erase cycle. See Figure 15 for the Chip-Erase
sequence.
Figure 15:Chip-Erase Sequence
Read-Status-Register (RDSR)
The Read-Status-Register (RDSR) instruction allows reading of the status register. The status register
may be read at any time even during a Write (Program/Erase) operation. When a Write operation is in
progress, the Busy bit may be checked before sending any new commands to assure that the new
commands are properly received by the device. CE# must be driven low before the RDSR instruction is
entered and remain low until the status data is read. Read-Status-Register is continuous with ongoing
clock cycles until it is terminated by a low to high transition of the CE#. See Figure 16 for the RDSR
instruction sequence.
Figure 16:Read-Status-Register (RDSR) Sequence
CE#
SO
SI
SCK
01 2 3 4 5 6 7
60 or C7
HIGH IMPEDANCE
MODE 0
MODE 3
1296 ChEr.0
MSB
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
1296 RDSRseq.0
MODE 3
SCK
SI
SO
CE#
Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
05
MODE 0
HIGH IMPEDANCE
Status
Register Out
MSB
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com