Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25VF080B Datasheet(PDF) 36 Page - Microchip Technology

Part # SST25VF080B
Description  8 Mbit SPI Serial Flash
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25VF080B Datasheet(HTML) 36 Page - Microchip Technology

Back Button SST25VF080B Datasheet HTML 28Page - Microchip Technology SST25VF080B Datasheet HTML 29Page - Microchip Technology SST25VF080B Datasheet HTML 30Page - Microchip Technology SST25VF080B Datasheet HTML 31Page - Microchip Technology SST25VF080B Datasheet HTML 32Page - Microchip Technology SST25VF080B Datasheet HTML 33Page - Microchip Technology SST25VF080B Datasheet HTML 34Page - Microchip Technology SST25VF080B Datasheet HTML 35Page - Microchip Technology SST25VF080B Datasheet HTML 36Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 36 / 36 page
background image
©2011 Silicon Storage Technology, Inc.
S71296-05-000
02/11
36
8 Mbit SPI Serial Flash
SST25VF080B
Data Sheet
A Microchip Technology Company
Table 17:Revision History
Number
Description
Date
00
•
Initial release of data sheet
Sep 2005
01
•
Migrated document to a Data Sheet
•
Updated Surface Mount Solder Reflow Temperature information
Jan 2006
02
•
Updated Features
•
Updated Table 5 on page 9
•
Updated “High-Speed-Read (66/80 MHz)” on page 11
•
Updated Table 15 on page 25
Jun 2007
03
•
Modified “Features”, “Product Description”, “Pin Description”, “Product
Ordering Information”, and “Packaging Diagrams” to include the PAE
package.
•
Updated Figures 10 and 11 on page 15.
Mar 2009
04
•
Added 80 MHz High Speed Clock Frequency to Features
•
Removed Maximum Frequency from Table 5 on page 9
•
Edited “Read (25/33 MHz)” on page 10 and “High-Speed-Read (66/80
MHz)” on page 11.
•
Added Table 11 on page 24 and Table 16 on page 26
•
Edited Product Ordering Information
•
Added Valid Combinations SST25VF080B-80-4C-S2AE,
SST25VF080B-80-4I-S2AE, SST25VF080B-80-4C-QAE, and
SST25VF080B-80-4I-QAE
Jan 2010
05
•
Updated “Auto Address Increment (AAI) Word-Program”, “End-of-Write
Detection”, and “Hardware End-of-Write Detection” on page 13.
•
Revised Figures 10 and 11 on page page 15.
•
Updated document to new format.
•
Added SAE package drawing on page 33 and SAE information to “Prod-
uct Ordering Information” on page 30
Feb 2011
© 2011 Silicon Storage Technology, Inc–a Microchip Technology Company. All rights reserved.
SST, Silicon Storage Technology, the SST logo, SuperFlash, MTP, and FlashFlex are registered trademarks of Silicon Storage Tech-
nology, Inc. MPF, SQI, Serial Quad I/O, and Z-Scale are trademarks of Silicon Storage Technology, Inc. All other trademarks and
registered trademarks mentioned herein are the property of their respective owners.
Specifications are subject to change without notice. Refer to www.microchip.com or www.sst.com for the most recent documentation.
Memory sizes denote raw storage capacity; actual usable capacity may be less.
SST makes no warranty for the use of its products other than those expressly contained in the Standard Terms and Conditions of
Sale.
For sales office(s) location and information, please see www.microchip.com or www.sst.com.
Silicon Storage Technology, Inc.
A Microchip Technology Company
www.microchip.com or www.sst.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com