Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C26A-RCT Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # M16C26A-RCT
Description  Sample Program (Remote Control Transmission/Reception)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C26A-RCT Datasheet(HTML) 4 Page - Renesas Technology Corp

  M16C26A-RCT Datasheet HTML 1Page - Renesas Technology Corp M16C26A-RCT Datasheet HTML 2Page - Renesas Technology Corp M16C26A-RCT Datasheet HTML 3Page - Renesas Technology Corp M16C26A-RCT Datasheet HTML 4Page - Renesas Technology Corp M16C26A-RCT Datasheet HTML 5Page - Renesas Technology Corp M16C26A-RCT Datasheet HTML 6Page - Renesas Technology Corp M16C26A-RCT Datasheet HTML 7Page - Renesas Technology Corp M16C26A-RCT Datasheet HTML 8Page - Renesas Technology Corp M16C26A-RCT Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
REJ05B0814-0110 Rev.1.10
2007.12
Page 4 of 18
M16C/26A Group
Sample Program (Remote Control Transmission/Reception)
5.
Operational Outline
<Remote control transmission>
Each time a switch is depressed, the buzzer is sounded and remote control code is transmitted from the infrared LED.
<Remote control reception>
The transmitted code is received in the remote control photodetector, and the received data is shown on liquid crystal display.
The operation described above is accomplished using the following microcomputer facilities:
• Timer A0 (timer mode, main 2 ms cycle)
This timer counts 2 milliseconds using the main clock of the microcomputer as the count source.
It is used as the basic timer of RSK_LIB.
Time management, key scan and LCD display management are performed using this timer.
• Timer A4 (timer mode, carrier output)
This timer counts 26 microseconds using the main clock of the microcomputer as the count source.
It generates a carrier (frequency 38.46 kHz) that is output during transmission.
• Timer B0 (timer mode, remote control transmission “500 µs”)
This timer counts 500 microseconds using the main clock of the microcomputer as the count source.
It turns carrier output on and off in a 500 microsecond cycle to generate a remote control transmission waveform.
• Timer B2 (timer mode, remote control reception “250 µs”)
This timer counts 250 microseconds using the main clock of the microcomputer as the count source.
It generates remote control receive data from the port input level in a 250 microsecond cycle.
• Timer A1 (pulse modulation mode, buzzer output)
This timer outputs a waveform with different high and low pulse widths using the main clock of the microcomputer as the count source.
It is used to sound a buzzer each time a key is touched.
I R - T R A N
R C V - - - -
Liquid crystal display (LCD)
M16C26A
Infrared LED
I R - T R A N
R C V - - 03
M16C26A
Remote control
photodetector
Code: 00H
Remote control transmission
Remote control reception
Liquid crystal display (LCD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com