Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C26A-RCT Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # M16C26A-RCT
Description  Sample Program (Remote Control Transmission/Reception)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C26A-RCT Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button M16C26A-RCT Datasheet HTML 10Page - Renesas Technology Corp M16C26A-RCT Datasheet HTML 11Page - Renesas Technology Corp M16C26A-RCT Datasheet HTML 12Page - Renesas Technology Corp M16C26A-RCT Datasheet HTML 13Page - Renesas Technology Corp M16C26A-RCT Datasheet HTML 14Page - Renesas Technology Corp M16C26A-RCT Datasheet HTML 15Page - Renesas Technology Corp M16C26A-RCT Datasheet HTML 16Page - Renesas Technology Corp M16C26A-RCT Datasheet HTML 17Page - Renesas Technology Corp M16C26A-RCT Datasheet HTML 18Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
REJ05B0814-0110 Rev.1.10
2007.12
Page 15 of 18
M16C/26A Group
Sample Program (Remote Control Transmission/Reception)
10. Circuit Diagram
11. Part List
Part name
Part No.
Q’ty
Manufacturer
Type number
Value
Remark
Remote control
photodetector
U1
1
SHARP
GP1UM281YK
38kHz
Infrared LED
LED1
1
Panasonic
LNA2801L
Transistor
Q1
1
ROHM
2SD1898T100Q
1A/0.5W
Tact switch
SW1 -
SW16
16
OMRON
B3FS-1000P
Switching diode
D2
∼D5
4
ROHM
1SS355TE-17
Electrolytic capacitor
C1
1
Panasonic
ECE-V1HS010SR
1uF/50V
Chip
resistor
R1
1
ROHM
MCR10EZHF470
47
1/8W, 1%(5% also acceptable)
Chip
resistor
R2
1
ROHM
MCR10EZHF561
560
1/8W, 1%(5% also acceptable)
Chip
resistor
R5
1
Panasonic
ERJ-1TRQJ6R8U
6.8
1W,5%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com