Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C26A-RCT Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # M16C26A-RCT
Description  Sample Program (Remote Control Transmission/Reception)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C26A-RCT Datasheet(HTML) 5 Page - Renesas Technology Corp

  M16C26A-RCT Datasheet HTML 1Page - Renesas Technology Corp M16C26A-RCT Datasheet HTML 2Page - Renesas Technology Corp M16C26A-RCT Datasheet HTML 3Page - Renesas Technology Corp M16C26A-RCT Datasheet HTML 4Page - Renesas Technology Corp M16C26A-RCT Datasheet HTML 5Page - Renesas Technology Corp M16C26A-RCT Datasheet HTML 6Page - Renesas Technology Corp M16C26A-RCT Datasheet HTML 7Page - Renesas Technology Corp M16C26A-RCT Datasheet HTML 8Page - Renesas Technology Corp M16C26A-RCT Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
REJ05B0814-0110 Rev.1.10
2007.12
Page 5 of 18
M16C/26A Group
Sample Program (Remote Control Transmission/Reception)
6.
Operational Specification
<Remote control transmission>
When a switch is depressed, the remote control code (hex code) corresponding to the switch and the inverted data (hex code) of the remote
control code are transmitted. While a switch is held down, data is transmitted successively at 100 millisecond intervals.
Note: In this program, pressing two or more switches at the same time has no effect (i.e., ignored).
<Remote control reception>
(1) Immediately after the reset switch is depressed, the LCD
shows “-----.”
(2) While remote control code is being received, the LCD shows
the received code.
* If the length of reception period is less than or equal to 500 ms,
the received code is displayed for 500 ms.
(1) Reset switch depressed
(2) Reception underway
(e.g., SW3 held down)
(3) 500 ms after reception
R C
-
V
-
-
I R -
T R A N S
-
R C
-
V
-
-
I R -
T R A N S
-
R C
0
V
1- F
I R -
T R A N S
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com