Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C26A-RCT Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # M16C26A-RCT
Description  Sample Program (Remote Control Transmission/Reception)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C26A-RCT Datasheet(HTML) 3 Page - Renesas Technology Corp

  M16C26A-RCT Datasheet HTML 1Page - Renesas Technology Corp M16C26A-RCT Datasheet HTML 2Page - Renesas Technology Corp M16C26A-RCT Datasheet HTML 3Page - Renesas Technology Corp M16C26A-RCT Datasheet HTML 4Page - Renesas Technology Corp M16C26A-RCT Datasheet HTML 5Page - Renesas Technology Corp M16C26A-RCT Datasheet HTML 6Page - Renesas Technology Corp M16C26A-RCT Datasheet HTML 7Page - Renesas Technology Corp M16C26A-RCT Datasheet HTML 8Page - Renesas Technology Corp M16C26A-RCT Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
REJ05B0814-0110 Rev.1.10
2007.12
Page 3 of 18
M16C/26A Group
Sample Program (Remote Control Transmission/Reception)
4.2 Determination of the Leader and Data Sections
When the received waveform falls within one of the ranges shown below, it is determined to be a leader or a data section.
Leader section
Data section
4.3 Carrier Frequency
38.46kHz
Leader low-level
duration (10 ms)
8ms - 12ms
Leader pulse width (20 ms)
18ms - 22ms
Data “0”
(2ms)
1.0ms - 3.0ms
Data “1”
(4ms)
3.0ms - 5.0ms
13us
13us
26us



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com