Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N60L-x-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 1N60L-x-TN3-R
Description  1.2 Amps, 600/650 Volts N-CHANNEL MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

1N60L-x-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  1N60L-x-TN3-R Datasheet HTML 1Page - Unisonic Technologies 1N60L-x-TN3-R Datasheet HTML 2Page - Unisonic Technologies 1N60L-x-TN3-R Datasheet HTML 3Page - Unisonic Technologies 1N60L-x-TN3-R Datasheet HTML 4Page - Unisonic Technologies 1N60L-x-TN3-R Datasheet HTML 5Page - Unisonic Technologies 1N60L-x-TN3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
1N60
Power MOSFET
www.unisonic.com.tw
1 of 6
Copyright © 2010 Unisonic Technologies Co., Ltd
QW-R502-052,I
1.2 Amps, 600/650 Volts
N-CHANNEL MOSFET
DESCRIPTION
The UTC 1N60 is a high voltage MOSFET and is designed to
have better characteristics, such as fast switching time, low gate
charge, low on-state resistance and have a high rugged
avalanche characteristics. This power MOSFET is usually used at
high speed switching applications in power supplies, PWM motor
controls, high efficient DC to DC converters and bridge circuits.
FEATURES
* RDS(ON) =11.5Ω@VGS = 10V.
* Ultra Low gate charge (typical 5.0nC)
* Low reverse transfer capacitance (CRSS = typical 3.0 pF)
* Fast switching capability
* Avalanche energy specified
* Improved dv/dt capability, high ruggedness
SYMBOL
1.Gate
3.Source
2.Drain
1
TO-251
TO-252
1
TO-220
1
1
TO-220F
SOT-223
1
1
TO-92
TO-126
1
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
1N60L-x-AA3-R
1N60G-x-AA3-R
SOT-223
G
D
S
Tape Reel
1N60L-x-T92-B
1N60G-x-T92-B
TO-92
G
D
S
Tape Box
1N60L-x-T92-K
1N60G-x-T92-K
TO-92
G
D
S
Bulk
1N60L-x-TA3-T
1N60G-x-TA3-T
TO-220
G
D
S
Tube
1N60L-x-TF3-T
1N60G-x-TF3-T
TO-220F
G
D
S
Tube
1N60L-x-TM3-T
1N60G-x-TM3-T
TO-251
G
D
S
Tube
1N60L-x-TN3-R
1N60G-x-TN3-R
TO-252
G
D
S
Tape Reel
1N60L-x-TN3-T
1N60G-x-TN3-T
TO-252
G
D
S
Tube
1N60L-x-T60-K
1N60G-x-T60-K
TO-126
G
D
S
Bulk
Note: Pin Assignment: G: Gate D: Drain S: Source


Similar Part No. - 1N60L-x-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
1N60L-AA3-R UTC-1N60L-AA3-R Datasheet
282Kb / 6P
1.2A, 600V N-CHANNEL POWER MOSFET
1N60L-T60-K UTC-1N60L-T60-K Datasheet
282Kb / 6P
1.2A, 600V N-CHANNEL POWER MOSFET
1N60L-T60-K UTC-1N60L-T60-K Datasheet
361Kb / 7P
N-CHANNEL POWER MOSFET
1N60L-T92-B UTC-1N60L-T92-B Datasheet
282Kb / 6P
1.2A, 600V N-CHANNEL POWER MOSFET
1N60L-T92-B UTC-1N60L-T92-B Datasheet
361Kb / 7P
N-CHANNEL POWER MOSFET
More results

Similar Description - 1N60L-x-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
1N60 UTC-1N60 Datasheet
143Kb / 8P
1.2 Amps, 600 Volts N-CHANNEL MOSFET
7N60A UTC-7N60A Datasheet
297Kb / 7P
7 Amps, 600/650 Volts N-CHANNEL MOSFET
6N60 UTC-6N60 Datasheet
141Kb / 7P
6.2 Amps, 600/650 Volts N-CHANNEL MOSFET
12N60 UTC-12N60 Datasheet
235Kb / 6P
12 Amps, 600/650 Volts N-CHANNEL MOSFET
7N60L UTC-7N60L Datasheet
182Kb / 7P
7.4 Amps, 600/650 Volts N-CHANNEL MOSFET
7N60Z UTC-7N60Z Datasheet
194Kb / 6P
7.4 Amps, 600/650 Volts N-CHANNEL MOSFET
1N60A UTC-1N60A_09 Datasheet
224Kb / 8P
0.5 Amps, 600/650 Volts N-CHANNEL MOSFET
5N60 UTC-5N60_10 Datasheet
242Kb / 6P
4.5 Amps, 600/650 Volts N-CHANNEL MOSFET
6N60 UTC-6N60_10 Datasheet
249Kb / 6P
6.2 Amps, 600/650 Volts N-CHANNEL MOSFET
12N60 UTC-12N60_10 Datasheet
358Kb / 7P
12 Amps, 600/650 Volts N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com