Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF221 Datasheet(PDF) 15 Page - Micrel Semiconductor

Part # MICRF221
Description  3.3V, QwikRadio 850 MHz to 950 MHz Receiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF221 Datasheet(HTML) 15 Page - Micrel Semiconductor

Back Button MICRF221 Datasheet HTML 11Page - Micrel Semiconductor MICRF221 Datasheet HTML 12Page - Micrel Semiconductor MICRF221 Datasheet HTML 13Page - Micrel Semiconductor MICRF221 Datasheet HTML 14Page - Micrel Semiconductor MICRF221 Datasheet HTML 15Page - Micrel Semiconductor MICRF221 Datasheet HTML 16Page - Micrel Semiconductor MICRF221 Datasheet HTML 17Page - Micrel Semiconductor MICRF221 Datasheet HTML 18Page - Micrel Semiconductor MICRF221 Datasheet HTML 19Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
Micrel Inc.
MICRF221
October 2008
15
M9999-100108
(408) 955-1690
REFOSC (MHz)
Carrier (MHz)
HIB Part Number
Abracon Part Number
13.54856
868.35
SA-13.548560-F-10-H-30-30-X
ABLS-13.54860MHz-10-J4Y
14.27643
915.0
SA-14.276430-F-10-H-30-30-X
ABLS-14.276430MHz-10-J4Y
14.29983
916.5
SA-14.299830-F-10-H-30-30-X
ABLS-14.299830MHz-10-J4Y
Table 4. Crystal Frequency and Vendors Part Number
Demodulation Bandwidth Calculation
JP1 and JP2 are used to select the bandwidth for the
demodulator. To set the bandwidth correctly, it is
necessary to know the shortest pulse width of the
encoded data sent in the transmitter. As shown in the
example of the data profile in the Figure 9 below, PW2
is shorter than PW1, so PW2 should be used for the
demodulator bandwidth calculation which is found by
calculating 0.65/shortest pulse width. After this value
is found, the setting should be done according to
Table 5.
For example, if the pulse period is 100µsec, 50% duty
cycle, the pulse width will be 50µsec:
(PW = (100µsec × 50%) / 100)
So, a bandwidth of 13kHz would be necessary (0.65 /
50µsec). However, if this data stream had a pulse
period with 20% duty cycle, the bandwidth required
would be 32.5kHz (0.65 / 20µsec), which exceeds the
maximum bandwidth of the demodulator circuit. If you
try to exceed the maximum bandwidth, the pulse will
appear stretched or wider.
SEL0
JP1,
D3
SEL1
JP2,
D4
Demod.
BW
(hertz)
Shortest
Pulse
(µsec)
Maximum
baud rate for
50% Duty
Cycle (hertz)
Short
Short
1712
380
1316
Open
Short
3425
190
2632
Short
Open
6850
95
5264
Open
Open
13700
47
10528
Table 5. JP1 and JP2 setting, 915 MHz
This device is capable of higher baud rates when the
serial bit D16 is programmed high. More detail is
provided on the following pages.
CTH and CAGC Selection
Capacitors C6 (CTH) and C4 (CAGC) provide time base
reference for the data pattern received. These
capacitors are selected according to the data profile,
pulse duty cycle, dead time between two received
data packets and if the data pattern has or does not
have a preamble. See Figure 9 for an example of a
data profile.
PW1
HEADER
PW2
PW2 = NARROWEST PULSE WIDTH
t1 & t2 = DATA PERIOD
t1
10
12
3
PREAMBLE
45
6
7
8
9
t2
Figure 9. Example of a Data Profile
For best results C4 and C6 should be optimized for
the data pattern used. As the baud rate increases, the
capacitor values decrease. Table 6 shows suggested
values for Manchester Encoded data at a 50% duty
cycle.
SEL0
JP1
SEL1
JP2
Demod.
BW
(hertz)
CTH
CAGC
Short
Short
1712
100nF
4.7µF
Open
Short
3425
47nF
2.2µF
Short
Open
6850
22nF
1µF
Open
Open
13700
10nF
0.47µF
Table 6. Suggested C6 (CTH) and C4 (CAGC) Values
JP4 (pins 5 and 6) is a jumper used to configure the
digital squelch function. When pin 6 (SQ) is held high
jumpered-to-VDD), there is no squelch applied to the
digital circuits and pin 10 (DO, data out) has a hash
signal. When pin 6 (SQ) is low, the DO pin activity is
considerably reduced. It will have more or less activity
than is shown in Figure 11 depending upon the
outside band noise. The penalty for using squelch is a
delay in getting a good signal at the DO pin, that is, it
takes longer for the data to show. The delay is
dependent upon many factors such as RF signal
intensity, data profile, data rate, CTH and CAGC
capacitor values and outside band noise. See Figures
10 and Figure 11.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com