Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF221 Datasheet(PDF) 17 Page - Micrel Semiconductor

Part # MICRF221
Description  3.3V, QwikRadio 850 MHz to 950 MHz Receiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF221 Datasheet(HTML) 17 Page - Micrel Semiconductor

Back Button MICRF221 Datasheet HTML 13Page - Micrel Semiconductor MICRF221 Datasheet HTML 14Page - Micrel Semiconductor MICRF221 Datasheet HTML 15Page - Micrel Semiconductor MICRF221 Datasheet HTML 16Page - Micrel Semiconductor MICRF221 Datasheet HTML 17Page - Micrel Semiconductor MICRF221 Datasheet HTML 18Page - Micrel Semiconductor MICRF221 Datasheet HTML 19Page - Micrel Semiconductor MICRF221 Datasheet HTML 20Page - Micrel Semiconductor MICRF221 Datasheet HTML 21Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
Micrel Inc.
MICRF221
October 2008
17
M9999-100108
(408) 955-1690
BIT TIME 1
BIT TIME 0
DO AS
OUTPUT
DO INPUT BITS:
SCLK
T1
T2
T6
T7
T3
T4
T5
T8
T9
D19
“19”
“0”
“0”
“1”
D18
D17
BIT TIME 2
Figure 12. Serial Interface Start Sequence
When using an external oscillator or reference
oscillator signal, the maximum level should not
exceed 1.5VPP. See Figure 13. Channel 4 is the
transmitted data, which is synchronized with the
shutdown shown in the oscilloscope (channel 2). Data
out is shown on channel 1 and, as seen below, the
preamble data starts to appear just over 1msec after
the shutdown pin cycle low to high. Also note that
when squelch is used time for data to appear is
increased.
Figure 13. Time-to-Preamble Data after Shut Down
Cycle, Room Temperature
Programming the Device
Several additional functions are available by the serial
interface. They are:
•
Desense,
to
reduce
the
device
sensitivity
•
Slice Level, to further optimize data
profile demodulation
•
Autopoll Mode, to wake an external
device through the DO pin toggling
from low to data
•
High Demodulator Bandwidth, for
faster baud rates
•
Parallel input pins SEL0, SEL1, and
SQ can be programmed using the
serial interface
Programming the device is accomplished by the use
of pins DO and SCLK. Normally, pin 10 (DO) is
outputting data and needs to switch to an input pin
made by the start sequence, as shown at Figure 13. A
high at the SCLK pin tri-states the DO pin, enabling
the external drive into the DO pin with an initial low
level. The start sequence is completed by taking
SCLK low, then high while DO is low, followed by
taking DO high, then low while SCLK is high. The
serial interface is initialized and ready to receive the
programming data.
Bits are serially programmed starting with the most
significant bit (MSB = D19) if all bits are being
programmed until the least significant bit (LSB =D0)
For instance, if only the desense bits D0, D1, and D2
are being programmed, then these are the only bits
that need to be programmed with the start sequence
D2, D1, D0, plus the stop sequence. Or, if only the
squelch bit D17 is needed, then the sequence must
be from start sequence, D17 through D0 plus the stop
sequence, making sure the other bits (besides D17)
are programmed as needed. It is recommended that
all parallel input pins (SEL0, SEL1, and SQ) be kept
high when using the serial interface. After the
programming bits are finished, a stop sequence (as
shown in Figure 14) is required to end the mode and
make the DO pin as an output again. To do so, the
SCLK pin is kept high while the DO pin changes from
low to high, then low again, followed by the SCLK pin
made low. Timing of the programming bits are not
critical, but should be kept as shown below:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com