Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF221 Datasheet(PDF) 22 Page - Micrel Semiconductor

Part # MICRF221
Description  3.3V, QwikRadio 850 MHz to 950 MHz Receiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF221 Datasheet(HTML) 22 Page - Micrel Semiconductor

Back Button MICRF221 Datasheet HTML 18Page - Micrel Semiconductor MICRF221 Datasheet HTML 19Page - Micrel Semiconductor MICRF221 Datasheet HTML 20Page - Micrel Semiconductor MICRF221 Datasheet HTML 21Page - Micrel Semiconductor MICRF221 Datasheet HTML 22Page - Micrel Semiconductor MICRF221 Datasheet HTML 23Page - Micrel Semiconductor MICRF221 Datasheet HTML 24Page - Micrel Semiconductor MICRF221 Datasheet HTML 25Page - Micrel Semiconductor MICRF221 Datasheet HTML 26Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
Micrel Inc.
MICRF221
October 2008
22
M9999-100108
(408) 955-1690
Figure 23. QR221BPF Dimensions (inches)
QR221BPF Bill of Materials, 915.0 MHz
Item
Part Number
Manufacturer
Description
Qty.
ANT1
50-Ω Ant78.7mm (3.1 inches) 20 AWG, rigid wire
1
C3
GRM39COG1R2C50
MuRata
1.2pF , 0402/0603
1
C4
Murata / Vishay
4.7µF, 0603/0805
1
C6,C5
Murata / Vishay
0.1µF, 0402/0603
2
C8
GRM39COG2R7C50
MuRata
2.7pF, 0402/0603
1
C9,C10
GRM39COG100D50
MuRata
10pF, 0402/0603
2
C2
GRM39X7R102K50
MuRata
(np)1nF, 0402/0603, not placed
1
JP1,JP2
Vishay
short, 0402/0603, 0Ω resistor
2
JP3,JP4
open, 0402/0603, not placed
2
J1
CON7
1
J2
(np)SMA, not placed
1
L1
0603CS-11NXGB
Coilcraft
11nH 2%, 0402/0603
1
L2
0603CS8N7XJB
Coilcraft
8.7nH 5%, 0402/0603
1
R1,R2
(np) 0402/0603, not placed
2
R3,R4
Vishay
100kΩ , 0402/0603
2
R5,R6,
R7
Vishay
0Ω , 0402/0603
3
Y1
HC49
www.hib.com.br
www.abracon.com
14.27643MHz Crystal, 10pF load,, 30ppm, -40 to +105
operating temperature
1
U1
MICRF221AYQS
Micrel
Semiconductor
QSOP16
1
Table 8. QR221BPF Bill of Materials, 915.0 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com