Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF221 Datasheet(PDF) 20 Page - Micrel Semiconductor

Part # MICRF221
Description  3.3V, QwikRadio 850 MHz to 950 MHz Receiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF221 Datasheet(HTML) 20 Page - Micrel Semiconductor

Back Button MICRF221 Datasheet HTML 16Page - Micrel Semiconductor MICRF221 Datasheet HTML 17Page - Micrel Semiconductor MICRF221 Datasheet HTML 18Page - Micrel Semiconductor MICRF221 Datasheet HTML 19Page - Micrel Semiconductor MICRF221 Datasheet HTML 20Page - Micrel Semiconductor MICRF221 Datasheet HTML 21Page - Micrel Semiconductor MICRF221 Datasheet HTML 22Page - Micrel Semiconductor MICRF221 Datasheet HTML 23Page - Micrel Semiconductor MICRF221 Datasheet HTML 24Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
Micrel Inc.
MICRF221
October 2008
20
M9999-100108
(408) 955-1690
PCB LAYOUT RECOMMENDATIONS
PCB Considerations and Layout
Figures 19 to 22 below, show some of the printed
circuit layers for the QR221BPF board, refer to Figure
5. Use the Gerber files provided (downloadable from
the Micrel Website at: www.micrel.com ), which have
the remaining layers needed to fabricate this board.
When copying or making one’s own boards, make
traces as short as possible. Long traces alter the
matching network and the values suggested are no
longer valid. Suggested Matching Values may vary
due to PCB variations. A PCB trace 100 mills (2.5mm)
long has about 1.1nH inductance.
Optimization should always be done with exhaustive
range tests.
Make individual ground connections to the ground
plane with a VIA for each ground connection. Do not
share VIAs with ground connections. Each ground
connection = one or more VIAs. The ground plane
must be solid and, if possible, without interruptions.
Avoid a ground plane on the top layer next to the
matching element, as it will normally add additional
stray capacitance, which changes the matching.
Do not use phenolic material; use only FR4 or better
materials, since phenolic material is conductive above
200MHz.
The RF path should be as straight as possible,
avoiding loops and unnecessary turns.
Separate the ground and VDD lines from other circuits
(microcontroller, etc).
Known sources of noise should be positioned as far
as possible from the RF circuits.
Avoid thick traces. The higher the frequency, the
thinner the trace should be to minimize losses in the
RF path.
Figure 19. QR221BPF Top Layer
Figure 20. QR221BPF Bottom Layer, Mirror Image



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com