Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

19N10L-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 19N10L-TN3-R
Description  100V N-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

19N10L-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  19N10L-TN3-R Datasheet HTML 1Page - Unisonic Technologies 19N10L-TN3-R Datasheet HTML 2Page - Unisonic Technologies 19N10L-TN3-R Datasheet HTML 3Page - Unisonic Technologies 19N10L-TN3-R Datasheet HTML 4Page - Unisonic Technologies 19N10L-TN3-R Datasheet HTML 5Page - Unisonic Technologies 19N10L-TN3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
19N10
Power MOSFET
www.unisonic.com.tw
1 of 6
Copyright © 2009 Unisonic Technologies Co., Ltd
QW-R502-261.D
100V N-Channel MOSFET
DESCRIPTION
The UTC 100V N-Channel enhancement mode power field
effect transistors (MOSFET) are produced by UTC’s planar stripe,
DMOS technology which has been tailored especially in the
avalanche and commutation mode to minimize on-state resistance,
provide superior switching performance, and withstand high energy
pulse. They are suited for low voltage applications such as audio
amplifier, high efficiency switching DC/DC converters, and DC motor
control.
FEATURES
* RDS(ON) = 0.1Ω @VGS = 10 V
* Ultra low gate charge ( typical 19nC )
* Low reverse transfer Capacitance ( CRSS = typical 32pF )
* Fast switching capability
* Avalanche energy Specified
* Improved dv/dt capability, high ruggedness
SYMBOL
1.Gate
3.Source
2.Drain
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
19N10L-T3P-T
19N10G-T3P-T
TO-3P
G
D
S
Tube
19N10L-TA3-T
19N10G-TA3-T
TO-220
G
D
S
Tube
19N10L-TM3-T
19N10G-TM3-T
TO-251
G
D
S
Tube
19N10L-TN3-R
19N10G-TN3-R
TO-252
G
D
S
Tape Reel
19N10L-TQ2-R
19N10G-TQ2-R
TO-263
G
D
S
Tape Reel
19N10L-TQ2-T
19N10G-TQ2-T
TO-263
G
D
S
Tube


Similar Part No. - 19N10L-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
19N10L-TN3-R UTC-19N10L-TN3-R Datasheet
333Kb / 8P
N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
logo
SHENZHEN DOINGTER SEMIC...
19N10L-TN3-R DOINGTER-19N10L-TN3-R Datasheet
1Mb / 4P
N-Channel MOSFET uses advanced trench technology
More results

Similar Description - 19N10L-TN3-R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQH140N10 FAIRCHILD-FQH140N10 Datasheet
679Kb / 8P
100V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3442 AOSMD-AO3442 Datasheet
500Kb / 5P
100V N-Channel MOSFET
AOB410L AOSMD-AOB410L Datasheet
319Kb / 7P
100V N-Channel MOSFET
AO4482 AOSMD-AO4482 Datasheet
204Kb / 6P
100V N-Channel MOSFET
AOD478 AOSMD-AOD478 Datasheet
427Kb / 6P
100V N-Channel MOSFET
AON2290 AOSMD-AON2290 Datasheet
227Kb / 5P
100V N-Channel MOSFET
AON6290 AOSMD-AON6290 Datasheet
271Kb / 6P
100V N-Channel MOSFET
AON6450 AOSMD-AON6450_11 Datasheet
279Kb / 7P
100V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com