Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCMG1104LS Datasheet(PDF) 5 Page - STANLEY ELECTRIC CO.,LTD.

Part # VCMG1104LS
Description  Single Color PLCC-2 Type (High Reliability type, V-Series)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

VCMG1104LS Datasheet(HTML) 5 Page - STANLEY ELECTRIC CO.,LTD.

  VCMG1104LS Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. VCMG1104LS Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. VCMG1104LS Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. VCMG1104LS Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. VCMG1104LS Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. VCMG1104LS Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. VCMG1104LS Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. VCMG1104LS Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. VCMG1104LS Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
2010.12.15
Page 5
1104LS Series
(High Reliability type, V-Series)
Single Color PLCC-2 Type
(Ta=25℃)
VCP □
VCL B
VCMG
VF H□
VF J □
VF G□
Junction
Temperature
(MAX .)
T j
120
120
120
120
120
120
℃
Therma l Re sistance
(T YP .)
(J unction/ am bie nt)
R(th j-a)
300
250
270
350
350
260
℃/W
Therma l Re sistance
(TYP .)
(J unction/ S olde r Point)
R(th j-s )
150
100
100
200
200
110
℃/W
Symbol
Ite m
Unit
Ra ting s
Thermal Characteristics
※Rth(j-a) Measurement Condition / Substrate: FR4(t=1.6mm) Pattern Size: 16mm2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com