Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCMG1104LS Datasheet(PDF) 15 Page - STANLEY ELECTRIC CO.,LTD.

Part # VCMG1104LS
Description  Single Color PLCC-2 Type (High Reliability type, V-Series)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

VCMG1104LS Datasheet(HTML) 15 Page - STANLEY ELECTRIC CO.,LTD.

Back Button VCMG1104LS Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. VCMG1104LS Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. VCMG1104LS Datasheet HTML 10Page - STANLEY ELECTRIC CO.,LTD. VCMG1104LS Datasheet HTML 11Page - STANLEY ELECTRIC CO.,LTD. VCMG1104LS Datasheet HTML 12Page - STANLEY ELECTRIC CO.,LTD. VCMG1104LS Datasheet HTML 13Page - STANLEY ELECTRIC CO.,LTD. VCMG1104LS Datasheet HTML 14Page - STANLEY ELECTRIC CO.,LTD. VCMG1104LS Datasheet HTML 15Page - STANLEY ELECTRIC CO.,LTD. VCMG1104LS Datasheet HTML 16Page - STANLEY ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
2010.12.15
Page 15
1104LS Series
(High Reliability type, V-Series)
Single Color PLCC-2 Type
Reliability Testing Result
Failure Criteria
R eliability Tes ting
Res ult
Applicable S tandard
Tes ting Conditions
Duration
F ailure
R oom Temp.
Operating L ife
EIAJ ED-
4701/100(101)
Ta = 25℃, IF = Maxium R ated Current
1,000 h
0/20
High Tem p.
Operating L ife
EIAJ ED-
4701/100(101)
Ta = 85℃
IF = Derating Value
1,000 h
0/20
Low Tem p.
Operating L ife
EIAJ ED-
4701/100(101)
Ta = - 40℃, IF = Maxium R ated Current
1,000 h
0/20
Wet High Temp.
Operating L ife
EIAJ ED-
4701/100(102)
Ta = 60℃, 90%, IF = Maxium R ated Current
1,000 h
0/20
Wet High Temp.
Storage L ife
EIAJ ED-
4701/100(103)
Ta = 60℃, 90%
1,000 h
0/20
Thermal S hock
EIAJ ED-
4701/100(105)
Ta = - 40℃ ~ 120℃ (each 15min.)
1,000 cycles
0/20
Thermal S hock
Operating
EIAJ ED-
4701/100(105)
Ta = - 40℃(OFF) ~ 85℃(ON) each 15min.
IF = Derating Value
1,000 cycles
0/20
High Tem p.
Storage L ife
EIAJ ED-
4701/200(201)
Ta = 120℃
1,000 h
0/20
Low Tem p.
Storage L ife
EIAJ ED-
4701/200(202)
Ta = - 40℃
1,000 h
0/20
Cycled Temp. Humidity
Operating Life
EIAJ ED-
4701/200(203)
Ta = - 30℃(2h) ~ 80℃, 95%(2h), 8h/cycle
IF = Derating Value
5min on- off
30 cycles
0/20
R esistance to R eflow
Soldering
EIAJ ED-
4701/300(301)
Mois ture S oak : 30℃, 70%, 672h
P reheat : 150℃~180℃ (120s Max.)
S oldering Temp. : 260℃ (5s )
Twice
0/20
E lectric S tatic
Dis charge (E S D)
※1
EIAJ ED-
4701/300(304)
C = 100pF , R 2 = 1.5KΩ, ±2,000V
once each polarity
0/10
Vibration,
Variable F requency
EIAJ ED-
4701/400(403)
98.1m/s
2 (10G), 100 ~ 2KHz, 20min.
XYZ each direction
2 h
0/10
Items
Symbols
Conditions
Failure criteria
Luminous Intensity
Iv
IF Value of each product
Luminous Intensity
Testing Min. Value < Spec. Min. Value x 0.5
Forward Voltage
VF
IF Value of each product
Forward Voltage
Testing Max. Value ≧ Spec. Max. Value x 1.2
Reverse Current
IR
VR = Maximum Rated
Reverse Voltage V
Testing Max. Value ≧ Spec. Max. Value x 2.5
Cosmetic Appearance
-
-
Occurrence of notable decoloration,
deformation and cracking
※1 Reference test



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com