Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCMG1104LS Datasheet(PDF) 11 Page - STANLEY ELECTRIC CO.,LTD.

Part # VCMG1104LS
Description  Single Color PLCC-2 Type (High Reliability type, V-Series)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

VCMG1104LS Datasheet(HTML) 11 Page - STANLEY ELECTRIC CO.,LTD.

Back Button VCMG1104LS Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. VCMG1104LS Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. VCMG1104LS Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. VCMG1104LS Datasheet HTML 10Page - STANLEY ELECTRIC CO.,LTD. VCMG1104LS Datasheet HTML 11Page - STANLEY ELECTRIC CO.,LTD. VCMG1104LS Datasheet HTML 12Page - STANLEY ELECTRIC CO.,LTD. VCMG1104LS Datasheet HTML 13Page - STANLEY ELECTRIC CO.,LTD. VCMG1104LS Datasheet HTML 14Page - STANLEY ELECTRIC CO.,LTD. VCMG1104LS Datasheet HTML 15Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
2010.12.15
Page 11
1104LS Series
(High Reliability type, V-Series)
Single Color PLCC-2 Type
VC□G Type
52□nm
VF□G Type
561nm
VF□P Type
570nm
VF□Y Type
589nm
VF□A Type
606nm
VF□R Type
626nm
450nm
500nm
550nm
600nm
650nm
VF□V Type
616nm
VC□B Type
470nm
(Ta=25℃)
Color Tone Groups (λd)
Tolerance: +/-1nm
( unit: nm )
VF HP (IF=20mA)
AB
C
MIN.
567.0
570.0
573.0
MAX .
570.0
573.0
576.0
VF J P (IF=20mA)
AB
C
MIN.
567.0
570.0
573.0
MAX .
570.0
573.0
576.0
VF GP (IF=50mA)
AB
C
MIN.
567.0
570.0
573.0
MAX .
570.0
573.0
576.0
VF HY (IF=20mA)
DE
MIN.
586.0
589.0
MAX .
589.0
592.0
VF J Y (IF=20mA)
DE
MIN.
586.0
589.0
MAX .
589.0
592.0
VF GY (IF=50mA)
DE
MIN.
586.0
589.0
MAX .
589.0
592.0
VF HA (IF=20mA)
CD
MIN.
603.0
606.0
MAX .
606.0
609.0
VF J A (IF=20mA)
CD
MIN.
603.0
606.0
MAX .
606.0
609.0
VF GA (IF=50mA)
CD
MIN.
603.0
606.0
MAX .
606.0
609.0
※ Please contact our sales staff concerning rank designation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com