Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCMG1104LS Datasheet(PDF) 3 Page - STANLEY ELECTRIC CO.,LTD.

Part # VCMG1104LS
Description  Single Color PLCC-2 Type (High Reliability type, V-Series)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

VCMG1104LS Datasheet(HTML) 3 Page - STANLEY ELECTRIC CO.,LTD.

  VCMG1104LS Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. VCMG1104LS Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. VCMG1104LS Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. VCMG1104LS Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. VCMG1104LS Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. VCMG1104LS Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. VCMG1104LS Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. VCMG1104LS Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. VCMG1104LS Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
2010.12.15
Page 3
1104LS Series
(High Reliability type, V-Series)
Single Color PLCC-2 Type
(Ta=25℃)
Absolute Maximum Ratings
Item
Symbol
VCPB
VCLB
VCPG
VCMG
VFHG
VFJG
VFGG
Unit
Power Dissipation
Pd
76
117
76
120
78
78
130
mW
Continuous Forward
Current
IF
20
30
20
30
30
30
50
mA
Repetitive Peak
Forward Current
※ 1
IFRM
100
100
100
100
100
100
100
mA
⊿ IF
0.57
0.86
0.57
0.86
0.86
0.86
1.43
mA/℃
⊿ IFRM
2.86
2.86
2.86
2.86
2.86
2.86
2.04
mA/℃
Reverse Voltage
VR
55
555
55
V
Operating
Temperature
Topr
℃
Storage Temperature
Tstg
℃
Derating
※ 2
-40~+100
-40~+120
Item
Symbol
VFHP
VFJP
VFGP
VFHY
VFJY
VFGY
Unit
Power Dissipation
Pd
78
78
189
78
78
189
mW
Continuous Forward
Current
IF
30
30
50
30
30
70
mA
Repetitive Peak
Forward Current
※ 1
IFRM
100
100
100
100
100
100
mA
⊿ IF
0.86
0.86
1.43
0.86
0.86
1.43
mA/℃
⊿ IFRM
2.86
2.86
2.04
2.86
2.86
2.04
mA/℃
Reverse Voltage
VR
55
55
55
V
Operating
Temperature
Topr
℃
Storage Temperature
Tstg
℃
Derating
※ 2
-40~+100
-40~+120
※1 IFRM Measurement condition / VC□□:Pulse Width ≦ 0.1ms, Duty≦1/10
VF□□:Pulse Width ≦ 1.0ms, Duty≦1/20
※2 VFGY:Ta=71℃ or higher
Other:Ta=85℃ or higher
2011.03.23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com