Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2123TS Datasheet(PDF) 33 Page - NXP Semiconductors

Part # PCF2123TS
Description  SPI Real time clock/calendar Time keeping application
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2123TS Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button PCF2123TS Datasheet HTML 29Page - NXP Semiconductors PCF2123TS Datasheet HTML 30Page - NXP Semiconductors PCF2123TS Datasheet HTML 31Page - NXP Semiconductors PCF2123TS Datasheet HTML 32Page - NXP Semiconductors PCF2123TS Datasheet HTML 33Page - NXP Semiconductors PCF2123TS Datasheet HTML 34Page - NXP Semiconductors PCF2123TS Datasheet HTML 35Page - NXP Semiconductors PCF2123TS Datasheet HTML 36Page - NXP Semiconductors PCF2123TS Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 63 page
background image
PCF2123
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 27 April 2011
33 of 63
NXP Semiconductors
PCF2123
SPI Real time clock/calendar
8.11 STOP bit function
The function of the STOP bit is to allow for accurate starting of the time circuits. The STOP
bit function will cause the upper part of the prescaler (F2 to F14) to be held in reset and
thus no 1 Hz ticks will be generated. The time circuits can then be set and will not
increment until the STOP bit is released (see Figure 21 and Table 40).
The STOP bit function will not affect the output of 32.768 kHz, 16.384 kHz, or 8.192 kHz
(see Section 8.8).
The lower two stages of the prescaler (F0 and F1) are not reset and because the SPI-bus
is asynchronous to the crystal oscillator, the accuracy of re-starting the time circuits will be
between 0 and one 8.192 kHz cycle (see Figure 21).
The first increment of the time circuits is between 0.499878 s and 0.500000 s after STOP
bit is released. The uncertainty is caused by the prescaler bits F0 and F1 not being reset
(see Table 40).
Fig 20. STOP bit functional diagram
001aai556
OSCILLATOR
OSCILLATOR STOP
DETECTOR
F0
F1
F13
RESET
F14
RESET
F2
RESET
1 Hz
1024 Hz
16384 Hz
8192 Hz
1 Hz tick
stop
CLKOUT source
oscillator stop flag
Fig 21. STOP bit release timing
001aaf912
8192 Hz
stop released
0
μs to 122 μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com