Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2123TS Datasheet(PDF) 48 Page - NXP Semiconductors

Part # PCF2123TS
Description  SPI Real time clock/calendar Time keeping application
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2123TS Datasheet(HTML) 48 Page - NXP Semiconductors

Back Button PCF2123TS Datasheet HTML 44Page - NXP Semiconductors PCF2123TS Datasheet HTML 45Page - NXP Semiconductors PCF2123TS Datasheet HTML 46Page - NXP Semiconductors PCF2123TS Datasheet HTML 47Page - NXP Semiconductors PCF2123TS Datasheet HTML 48Page - NXP Semiconductors PCF2123TS Datasheet HTML 49Page - NXP Semiconductors PCF2123TS Datasheet HTML 50Page - NXP Semiconductors PCF2123TS Datasheet HTML 51Page - NXP Semiconductors PCF2123TS Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 63 page
background image
PCF2123
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 27 April 2011
48 of 63
NXP Semiconductors
PCF2123
SPI Real time clock/calendar
16. Bare die outline
[1]
Nominal die thickness. Compare with wafer thickness given in Table 50.
[2]
Dimension includes saw lane.
[3]
P1 and P3: pad size.
[4]
P2 and P4: passivation opening.
Fig 33. Bare die outline PCF2123U/10 of PCF2123U/5GA/1 and PCF2123U/10AA/1 (for dimensions see Table 46)
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
PCF2123U/10
Wire bond die; 12 bonding pads
PCF2123U/10
08-07-24
11-04-06
0
scale
1 mm
A
P4 P3
P2
P1
detail X
D
E
eD
x
y
0
0
12
11
10
9
8
7
6
5
4
3
2
1
X
Table 46.
Dimensions of PCF2123U/10
Original dimensions are in mm.
Unit (mm)
A[1]
D[2]
E[2]
eD
P1[3]
P2[4]
P3[3]
P4[4]
PCF2123U/5GA/1
nom
0.20
1.492
1.449
1.296
0.09
0.081
0.09
0.081
PCF2123U/10AA/1
nom
0.20
1.492
1.449
1.296
0.09
0.081
0.09
0.081



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com