Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2123TS Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCF2123TS
Description  SPI Real time clock/calendar Time keeping application
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2123TS Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCF2123TS Datasheet HTML 5Page - NXP Semiconductors PCF2123TS Datasheet HTML 6Page - NXP Semiconductors PCF2123TS Datasheet HTML 7Page - NXP Semiconductors PCF2123TS Datasheet HTML 8Page - NXP Semiconductors PCF2123TS Datasheet HTML 9Page - NXP Semiconductors PCF2123TS Datasheet HTML 10Page - NXP Semiconductors PCF2123TS Datasheet HTML 11Page - NXP Semiconductors PCF2123TS Datasheet HTML 12Page - NXP Semiconductors PCF2123TS Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 63 page
background image
PCF2123
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 27 April 2011
9 of 63
NXP Semiconductors
PCF2123
SPI Real time clock/calendar
8.3 Control registers
8.3.1 Register Control_1
[1]
Default value.
[2]
For a software reset, 01011000 (58h) must be sent to register Control_1 (see Section 8.3.1.1).
8.3.1.1
Reset
A reset is automatically generated at power-on. A reset can also be initiated with the
software reset command. It is generally recommended to make a software reset after
power-on.
A software reset can be initiated by setting the bits 6, 4 and 3 in register Control_1 logic 1
and all other bits logic 0 by sending the bit sequence 01011000 (58h), see Figure 7. If this
bit sequence is not correct, the software reset instruction will be ignored to protect the
device from accidently being reset. When sending the software instruction, the other bits
are not written.
Table 5.
Control_1 - control and status register 1 (address 00h) bit description
Bit
Symbol
Value
Description
Reference
7
EXT_TEST
0[1]
normal mode
Section 8.10
1
external clock test mode
6
N
-
unused
-
5STOP
0[1]
the RTC source clock runs
Section 8.11
1
the RTC clock is stopped;
RTC divider chain flip-flops are
asynchronously set to logic 0;
CLKOUT at 32.768 kHz, 16.384 kHz or
8.192 kHz is still available
4SR
0[1]
no software reset
Section 8.3.1.1
1
initiate software reset[2];
this register will always return a 0 when
read
3
N
-
unused
-
2
12_24
0[1]
24 hour mode is selected
-
1
12 hour mode is selected
1CIE
0[1]
no correction interrupt generated
Section 8.9
1
interrupt pulses will be generated at every
correction cycle
0
N
-
unused
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com