Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2123TS Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCF2123TS
Description  SPI Real time clock/calendar Time keeping application
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2123TS Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCF2123TS Datasheet HTML 6Page - NXP Semiconductors PCF2123TS Datasheet HTML 7Page - NXP Semiconductors PCF2123TS Datasheet HTML 8Page - NXP Semiconductors PCF2123TS Datasheet HTML 9Page - NXP Semiconductors PCF2123TS Datasheet HTML 10Page - NXP Semiconductors PCF2123TS Datasheet HTML 11Page - NXP Semiconductors PCF2123TS Datasheet HTML 12Page - NXP Semiconductors PCF2123TS Datasheet HTML 13Page - NXP Semiconductors PCF2123TS Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 63 page
background image
PCF2123
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 27 April 2011
10 of 63
NXP Semiconductors
PCF2123
SPI Real time clock/calendar
After reset, the following mode is entered:
• 32.768 kHz on pin CLKOUT active
• 24 hour mode is selected
• Offset register is set to 0
• No alarms set
• Timer disabled
• No interrupts enabled
(1) When CE is inactive, the interface is reset.
Fig 7.
Software reset command
Table 6.
Register reset values
Bits labeled as - are not implemented. Bits labeled as X are undefined at power-on and unchanged
by subsequent resets.
Address
Register name
Bit
7
6
5
4
3
2
1
0
00h
Control_1
00000000
01h
Control_2
00000000
02h
Seconds
1
XXXXXXX
03h
Minutes
-
XXXXXXX
04h
Hours
-
-
XXXXXX
05h
Days
-
-
XXXXXX
06h
Weekdays
-----X
X
X
07h
Months
-
-
-
XXXXX
08h
Years
XXXXXXXX
09h
Minute_alarm
1
XXXXXXX
0Ah
Hour_alarm
1
-
XXXXXX
0Bh
Day_alarm
1
-
XXXXXX
0Ch
Weekday_alarm
1
----X
X
X
0Dh
Offset_register
00000000
0Eh
Timer_clkout
-
0000-
11
0Fh
Countdown_timer
XXXXXXXX
001aai562
addr 00HEX
software reset 58HEX
R/W
b7
0
b6
0
b5
0
b4
1
b3
0
b2
0
b1
0
b0
0
b7
0
b6
1
b5
0
b4
1
b3
1
b2
0
b1
0
b0
0
internal
reset signal
CE
SCL
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com