Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9972ACCS Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX9972ACCS
Description  Quad, Ultra-Low-Power, 300Mbps ATE Drivers/Comparators Integrated PMU Switches
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9972ACCS Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX9972ACCS Datasheet HTML 3Page - Maxim Integrated Products MAX9972ACCS Datasheet HTML 4Page - Maxim Integrated Products MAX9972ACCS Datasheet HTML 5Page - Maxim Integrated Products MAX9972ACCS Datasheet HTML 6Page - Maxim Integrated Products MAX9972ACCS Datasheet HTML 7Page - Maxim Integrated Products MAX9972ACCS Datasheet HTML 8Page - Maxim Integrated Products MAX9972ACCS Datasheet HTML 9Page - Maxim Integrated Products MAX9972ACCS Datasheet HTML 10Page - Maxim Integrated Products MAX9972ACCS Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Quad, Ultra-Low-Power, 300Mbps ATE
Drivers/Comparators
_______________________________________________________________________________________
7
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +8V, VSS = -5V, VL = +3V, VCOMPHI = +1V, VCOMPLO = 0V, VLDV_ = 0V, LOAD EN LOW = LOAD EN HIGH = 0, TJ = +75°C.
All temperature coefficients measured at TJ = +50°C to +100°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VOLTAGE REFERENCE INPUTS (DHV_, DTV_, DLV_, DATA_, RCV_, CHV_, CLV_, LDV_, COMPHI, COMPLO)
Input Bias Current
±100
µA
Input Bias Current Temperature
Coefficient
±200
nA/°C
Settling to Output
0.1% of full-scale step
10
µs
DIGITAL INPUTS (DATA_, RCV_,
LD, DIN, SCLK, CS)
Input High Voltage
(Note 21)
VL/2 +
0.2
+3.6
V
Input Low Voltage
(Note 21)
-0.3
VL/2 -
0.2
V
DATA_,
100
Input Bias Current
LD
, DIN,
SCLK, CS
1
µA
SERIAL DATA OUTPUT (DOUT)
Output High Voltage
IOH = -1mA
VL
- 0.4
VL
V
Output Low Voltage
IOL = 1mA
0
+0.4
V
Output Rise and Fall Time
CL = 10pF
1.1
ns
SERIAL-INTERFACE TIMING (Note 22)
SCLK Frequency
50
MHz
SCLK Pulse-Width High
tCH
10
ns
SCLK Pulse-Width Low
tCL
10
ns
CS Low to SCLK High Setup
tCSS0
3.5
ns
SCLK High to CS Low Hold
tCSH0
0ns
CS High to SCLK High Setup
tCSS1
3.5
ns
SCLK High to CS High Hold
tCSH1
15
ns
DIN to SCLK High Setup
tDS
3.5
ns
DIN to SCLK High Hold
tDH
1ns
CS High to LOAD Low Hold
tCSHLD
6ns
CS High Pulse Width
tCSWH
20
ns
LD Low Pulse Width
tLDW
5ns
LD High to Any Activity
0ns
SCLK Low to DOUT Delay
tDO
CL = 10pF
5
40
ns
VL Rising to CS Low
Power-on delay
2
µs
TEMP SENSOR
Nominal Voltage
TJ = +27°C
3.00
V
Temperature Coefficient
+10
mV/°C
Output Resistance
500
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com