Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9972ACCS Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX9972ACCS
Description  Quad, Ultra-Low-Power, 300Mbps ATE Drivers/Comparators Integrated PMU Switches
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9972ACCS Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX9972ACCS Datasheet HTML 2Page - Maxim Integrated Products MAX9972ACCS Datasheet HTML 3Page - Maxim Integrated Products MAX9972ACCS Datasheet HTML 4Page - Maxim Integrated Products MAX9972ACCS Datasheet HTML 5Page - Maxim Integrated Products MAX9972ACCS Datasheet HTML 6Page - Maxim Integrated Products MAX9972ACCS Datasheet HTML 7Page - Maxim Integrated Products MAX9972ACCS Datasheet HTML 8Page - Maxim Integrated Products MAX9972ACCS Datasheet HTML 9Page - Maxim Integrated Products MAX9972ACCS Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Quad, Ultra-Low-Power, 300Mbps ATE
Drivers/Comparators
6
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +8V, VSS = -5V, VL = +3V, VCOMPHI = +1V, VCOMPLO = 0V, VLDV_ = 0V, LOAD EN LOW = LOAD EN HIGH = 0, TJ = +75°C.
All temperature coefficients measured at TJ = +50°C to +100°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
PMU SWITCHES (FORCE_, SENSE_, PMU_)
Voltage Range
-2.2
+5.2
V
Force Switch Resistance
VFORCE_ = 1.5V, IPMU_ = ±10mA
40
Ω
VPMU_ = 6.2V, VFORCE_ set to make
IFORCE_ = 30mA
25
Force Switch Compliance
VPMU_ = -3.2V, VFORCE_ set to make
IFORCE_ = -30mA
25
mA
0 to 3V
±10
Force Switch Resistance
Variation (Note 18)
Full range
±30
%
Sense Switch Resistance
700
1000
1300
Ω
Sense Switch Resistance
Variation
Relative to 1.3V, full range
±30
%
PMU_ Capacitance
Force-and-sense switches open
5
pF
FORCE_ Capacitance
5pF
SENSE_ Capacitance
0.2
pF
FORCE_ External Capacitance
Allowable external capacitance
2
nF
SENSE_ External Capacitance
Allowable external capacitance
1
nF
FORCE_ and SENSE_ Switching
Speed
Connect or disconnect
10
µs
PMU_ Leakage
FORCE EN_ = SENSE EN_ = 0,
VFORCE_ = VSENSE_ = -2.2V to +5.2V
±0.5
±5
nA
TOTAL FUNCTION
DUT_
Leakage, High-Impedance Mode
Load switches open,
VDUT_ = +5.2V,
VCLV_ = VCHV_ = -2.2V,
VDUT_ = -2.2V,
VCLV_ = VCHV_ = +5.2V, full range
2µA
Leakage, Low-Leakage Mode
Full range
±1
±20
nA
Low-Leakage Recovery Time
(Note 19)
10
µs
Term mode
2
Combined Capacitance
High-impedance mode
5
pF
Load Resistance
(Note 20)
1
G
Ω
Load Capacitance
(Note 20)
12
nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com