Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9972ACCS Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX9972ACCS
Description  Quad, Ultra-Low-Power, 300Mbps ATE Drivers/Comparators Integrated PMU Switches
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9972ACCS Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX9972ACCS Datasheet HTML 8Page - Maxim Integrated Products MAX9972ACCS Datasheet HTML 9Page - Maxim Integrated Products MAX9972ACCS Datasheet HTML 10Page - Maxim Integrated Products MAX9972ACCS Datasheet HTML 11Page - Maxim Integrated Products MAX9972ACCS Datasheet HTML 12Page - Maxim Integrated Products MAX9972ACCS Datasheet HTML 13Page - Maxim Integrated Products MAX9972ACCS Datasheet HTML 14Page - Maxim Integrated Products MAX9972ACCS Datasheet HTML 15Page - Maxim Integrated Products MAX9972ACCS Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
Quad, Ultra-Low-Power, 300Mbps ATE
Drivers/Comparators
12
______________________________________________________________________________________
Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)
COMPARATOR TIMING VARIATION
vs. INPUT SLEW RATE
SLEW RATE (V/ns)
1.5
2.0
2.5
3.0
3.5
4.0
4.5
50
30
40
20
10
0
-10
-20
-30
-40
-50
60
-60
1.0
5.0
NORMALIZED AT SR = 2V/ns
VCOMPHI = 1V, VCOMPLO = 0, RL = 50
Ω
VDUT_ FALLING
VDUT_ RISING
COMPARATOR RESPONSE
vs. HIGH SLEW-RATE OVERDRIVE
INPUT SLEW RATE = 6V/ns
TERM MODE, VDTV_ = 0 TO 1V
VCOMPHI = 1V, VCOMPLO = 0, RCOMP_ = 50
Ω
t = 2ns/div
COMPARATOR OFFSET
vs. TEMPERATURE
TEMPERATURE (
°C)
60
70
80
90
100
0
50
-50
-100
-150
-200
-250
-300
-350
150
-400
50
100
NORMALIZED AT TJ = +75
°C
DRIVE 1V TO LOW-LEAKAGE TRANSITION
t = 2.5
µs/div
10
µA
0
µA
LOW LEAKAGE TO DRIVE 1V TRANSITION
t = 100ns/div
10
µA
0
µA
HIGH-IMPEDANCE LEAKAGE AT DUT_
vs. DUT_ VOLTAGE
VDUT_ (V)
-0.5
0.5
-1.5
1.5
2.5
3.5
4.5
-0.2
-0.1
-0.4
-0.3
-0.6
-0.5
-0.7
0.1
0
0.2
-0.8
-2.5
5.5
LOW-LEAKAGE CURRENT
vs. DUT_VOLTAGE
VDUT_ (V)
-0.5
0.5
-1.5
1.5
2.5
3.5
4.5
1.4
1.5
1.2
1.3
1.0
1.1
0.9
1.7
1.6
1.8
0.8
-2.5
5.5
IDD SUPPLY CURRENT
vs.TEMPERATURE
TEMPERATURE (
°C)
70
80
60
90
100
104
105
102
103
100
101
107
106
108
50
ISS SUPPLY CURRENT
vs.TEMPERATURE
TEMPERATURE (
°C)
70
80
60
90
100
-108
-107
-109
-110
-105
-106
-104
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com