Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9972ACCS Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX9972ACCS
Description  Quad, Ultra-Low-Power, 300Mbps ATE Drivers/Comparators Integrated PMU Switches
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9972ACCS Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX9972ACCS Datasheet HTML 10Page - Maxim Integrated Products MAX9972ACCS Datasheet HTML 11Page - Maxim Integrated Products MAX9972ACCS Datasheet HTML 12Page - Maxim Integrated Products MAX9972ACCS Datasheet HTML 13Page - Maxim Integrated Products MAX9972ACCS Datasheet HTML 14Page - Maxim Integrated Products MAX9972ACCS Datasheet HTML 15Page - Maxim Integrated Products MAX9972ACCS Datasheet HTML 16Page - Maxim Integrated Products MAX9972ACCS Datasheet HTML 17Page - Maxim Integrated Products MAX9972ACCS Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
Quad, Ultra-Low-Power, 300Mbps ATE
Drivers/Comparators
14
______________________________________________________________________________________
Pin Description
PIN
NAME
FUNCTION
1
DATA1
Channel 1 Multiplexer Control Input. Selects driver 1 input from DHV1 or DLV1 in drive mode. See
Table 1 and Figure 2.
2
RCV1
Channel 1 Multiplexer Control Input. Sets channel 1 mode to drive or receive. See Table 1 and Figure 2.
3, 8, 13,
18, 51
GND
Analog Ground
4
CMPH1
Channel 1 High-Side Comparator Output
5
CMPL1
Channel 1 Low-Side Comparator Output
6
DATA2
Channel 2 Multiplexer Control Input. Selects driver 2 input from DHV2 or DLV2 in drive mode. See
Table 1 and Figure 2.
7
RCV2
Channel 2 Multiplexer Control Input. Sets channel 2 mode to drive or receive. See Table 1 and Figure 2.
9
CMPH2
Channel 2 High-Side Comparator Output
10
CMPL2
Channel 2 Low-Side Comparator Output
11
CMPL3
Channel 3 Low-Side Comparator Output
12
CMPH3
Channel 3 High-Side Comparator Output
14
RCV3
Channel 3 Multiplexer Control Input. Sets channel 3 mode to drive or receive. See Table 1 and Figure 2.
15
DATA3
Channel 3 Multiplexer Control Input. Selects driver 3 input from DHV3 or DLV3 in drive mode. See
Table 1 and Figure 2.
16
CMPL4
Channel 4 Low-Side Comparator Output
17
CMPH4
Channel 4 High-Side Comparator Output
19
RCV4
Channel 4 Multiplexer Control Input. Sets channel 4 mode to drive or receive. See Table 1 and Figure 2.
20
DATA4
Channel 4 Multiplexer Control Input. Selects driver 4 input from DHV4 or DLV4 in drive mode. See
Table 1 and Figure 2.
21
DHV4
Channel 4 Driver High Voltage Input
22
DLV4
Channel 4 Driver Low Voltage Input
23
DTV4
Channel 4 Driver Termination Voltage Input
24
CHV4
Channel 4 Threshold Voltage Input for High-Side Comparator
25
CLV4
Channel 4 Threshold Voltage Input for Low-Side Comparator
26
DHV3
Channel 3 Driver High Voltage Input
27
DLV3
Channel 3 Driver Low Voltage Input
28
DTV3
Channel 3 Driver Termination Voltage Input
29
CHV3
Channel 3 Threshold Voltage Input for High-Side Comparator
30
CLV3
Channel 3 Threshold Voltage Input for Low-Side Comparator
31
DGND
Digital Ground Connection
32
DOUT
Serial-Interface Data Output
33
LD
Load Input. Latches data from the serial input register to the control register on rising edge.
Transparent when low.
34
DIN
Serial-Interface Data Input
35
SCLK
Serial Clock
36
CS
Chip Select
37
SENSE4
Channel 4 PMU Sense Connection
38
FORCE4
Channel 4 PMU Force Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com