Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP79402 Datasheet(PDF) 35 Page - Microchip Technology

Part # MCP79402
Description  I2C??Real-Time Clock/Calendar with SRAM, Unique ID and Battery Switchover
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP79402 Datasheet(HTML) 35 Page - Microchip Technology

Back Button MCP79402 Datasheet HTML 30Page - Microchip Technology MCP79402 Datasheet HTML 31Page - Microchip Technology MCP79402 Datasheet HTML 32Page - Microchip Technology MCP79402 Datasheet HTML 33Page - Microchip Technology MCP79402 Datasheet HTML 34Page - Microchip Technology MCP79402 Datasheet HTML 35Page - Microchip Technology MCP79402 Datasheet HTML 36Page - Microchip Technology MCP79402 Datasheet HTML 37Page - Microchip Technology MCP79402 Datasheet HTML 38Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 35 / 38 page
background image
 2011 Microchip Technology Inc.
DS25009A-page 35
MCP7940X
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office. Not every possible ordering
combination is listed below.
PART NO.
X
/XX
Package
Temperature
Range
Device
Device:
MCP79400 =
1.8V - 5.5V I2C™ Serial RTCC
MCP79400T =
1.8V - 5.5V I2C Serial RTCC
(Tape and Ree)
MCP79401 =
1.8V - 5.5V I2C Serial RTCC, EUI-48TM
MCP79401T =
1.8V - 5.5V I2C Serial RTCC, EUI-48TM
(Tape and Reel)
MCP79402 =
1.8V - 5.5V I2C Serial RTCC, EUI-64TM
MCP79402T =
1.8V - 5.5V I2C Serial RTCC, EUI-64TM
(Tape and Reel)
Temperature
Range:
I
=
-40°C to +85°C
Package:
SN
=
8-Lead Plastic Small Outline (3.90 mm body)
ST
=
8-Lead Plastic Thin Shrink Small Outline
(4.4 mm)
MS
=
8-Lead Plastic Micro Small Outline
MNY(1) =
8-Lead Plastic Dual Flat, No Lead
Examples:
a)
MCP79400-I/SN: Industrial Temperature,
SOIC package.
b)
MCP79400T-I/SN: Industrial Tempera-
ture, SOIC package, Tape and Reel.
c)
MCP79400T-I/MNY: Industrial Tempera-
ture, TDFN package.
d)
MCP79401-I/SN: Industrial Temperature,
SOIC package, EUI-48TM.
e)
MCP79401-I/MS: Industrial Temperature
MSOP package, EUI-48TM.
f)
MCP79402-I/SN: Industrial Temperature,
SOIC package, EUI-64TM.
g)
MCP79402-I/ST:
Industrial
Temperature,
TSSOP package, EUI-64TM.
h)
MCP79402-I/ST:
Industrial
Temperature,
TSSOP package, Tape and Reel, EUI-64TM.
Note
1: ’Y’ indicates a Nickel Palladium Gold (NiPdAu) finish.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com