Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP79402 Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP79402
Description  I2C??Real-Time Clock/Calendar with SRAM, Unique ID and Battery Switchover
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP79402 Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP79402 Datasheet HTML 8Page - Microchip Technology MCP79402 Datasheet HTML 9Page - Microchip Technology MCP79402 Datasheet HTML 10Page - Microchip Technology MCP79402 Datasheet HTML 11Page - Microchip Technology MCP79402 Datasheet HTML 12Page - Microchip Technology MCP79402 Datasheet HTML 13Page - Microchip Technology MCP79402 Datasheet HTML 14Page - Microchip Technology MCP79402 Datasheet HTML 15Page - Microchip Technology MCP79402 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
MCP7940X
DS25009A-page 12
 2011 Microchip Technology Inc.
• ALMxPOL: This bit specifies the level that the
MFP will drive when the alarm is triggered.
ALM2POL is a copy of ALM1POL. The default
state of the MFP when used for alarms is the
inverse of ALM1POL.
• ALMxIF: This is the Alarm Interrupt Fag. This bit is
set in hardware if the alarm was triggered. The bit
is cleared in software.
• ALMxC2:0: These Configuration bits determine
the alarm match. The logic will trigger the alarm
based on one of the following match conditions:
• The 12/24-hour bits 0xCh.6 and 0x13h.6 are cop-
ies of the bit in 0x02h.6. The bits are read-only.
0x18h-0x1Bh are used for the timesaver function.
These registers are loaded at the time when VCC fails
and the RTCC operates on the VBAT. The VBAT bit is
also set at this time. These registers are cleared when
the VBAT bit is cleared in software.
0x1Ch-0x1Fh are used for the timesaver function.
These registers are loaded at the time when VCC is
restored and the RTCC switches to VDD. These
registers are cleared when the VBAT bit is cleared in
software.
4.2
FEATURES
4.2.1
UNLOCK SEQUENCE
The unique ID location is user accessible by using the
unlock ID sequence.
The unique ID location is 64-bits (8 bytes) and is
stored in EEPROM locations 0xF0 to 0xF7. This
location can be read at any time, however, a write is
inhibited until unlocked.
To unlock the write access to this location the following
sequence must be completed:
• A single write of 0x55h to address 0x09. Stop
• A single write of 0xAAh to address 0x09. Stop
This will allow the unique EEPROM locations to be
written.
After the byte or page write to these locations, the
write sequence is initiated by the Stop condition. At
this time, the ID locations are locked and no further
writes are possible to this location unless a complete
unlock sequence is repeated.
000
–
Seconds match
001
–
Minutes match
010
–
Hours match (takes into account 12/24
hour)
011
–
Matches the current day, interrupt at
12.00.00 a.m. Example: 12 midnight on
100
–Date
101
– RESERVED
110
– RESERVED
111
– Seconds, Minutes, Hour, Day, Date,
Month
Note:
It is strongly recommended that the
timesaver function only be used when the
oscillator is running. This will ensure
accurate functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com