Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP79402 Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP79402
Description  I2C??Real-Time Clock/Calendar with SRAM, Unique ID and Battery Switchover
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP79402 Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP79402 Datasheet HTML 6Page - Microchip Technology MCP79402 Datasheet HTML 7Page - Microchip Technology MCP79402 Datasheet HTML 8Page - Microchip Technology MCP79402 Datasheet HTML 9Page - Microchip Technology MCP79402 Datasheet HTML 10Page - Microchip Technology MCP79402 Datasheet HTML 11Page - Microchip Technology MCP79402 Datasheet HTML 12Page - Microchip Technology MCP79402 Datasheet HTML 13Page - Microchip Technology MCP79402 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
MCP7940X
DS25009A-page 10
 2011 Microchip Technology Inc.
4.0
RTCC FUNCTIONALITY
The MCP7940X family is a highly integrated RTCC.
On-board time and date counters are driven from a low-
power oscillator to maintain the time and date. An
integrated VCC switch enables the device to maintain
the time and date and also the contents of the SRAM
during a VCC power failure.
4.1
RTCC MEMORY MAP
The RTCC registers are contained in addresses
0x00h-0x1fh. 64 bytes of user-accessable SRAM are
located in the address range 0x20-0x5f. The SRAM
memory is a separate block from the RTCC control
and Configuration registers. All SRAM locations are
battery-backed-up during a VCC power fail. Unused
locations are not accessible, MCP7940X will noACK
after the address byte if the address is out of range.
The shaded areas are not implemented and read as
‘0’. No error checking is provided when loading time
and date registers.
• Addresses 0x00h-0x06h are the RTCC Time and
Date registers. These are read/write registers.
Care must be taken when writing to these regis-
ters while the oscillator is running.
• Incorrect data can appear in the Time and Date
registers if a write is attempted during the time-
frame where these internal registers are being
incremented. The user can minimize the likeli-
hood of data corruption by insuring that any writes
to the Time and Date registers occur before the
contents of the second register reach a value of
0x59H.
• Addresses 0x07h-0x09h are the device Configu-
ration, Calibration and ID Unlock registers.
• Addresses 0x0Ah-0x10h are the Alarm 0 regis-
ters. These are used to set up the Alarm 0, the
Interrupt polarity and the Alarm 0 compare.
• Addresses 0x11h-0x17h are the same as 0x0Bh-
0x11h but are used for Alarm 1.
• Addresses 0x18h-0x1Fh are used for the time-
stamp feature.
The Memory Map is shown in Table 4-1.
TABLE 4-1:
RTCC MEMORY MAP
Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Function
Range
Reset
State
00h
ST
10 Seconds
Seconds
Seconds
00-59
00h
01h
10 Minutes
Minutes
Minutes
00-59
00h
02h
12/24
10 Hour
AM/PM
10 Hour
Hour
Hours
1-12 + AM/PM
00 - 23
00h
03h
OSCON
VBAT
VBATEN
Day
Day
1-7
01h
04h
10 Date
Date
Date
01-31
01h
05h
LP
10 Month
Month
Month
01-12
01h
06h
10 Year
Year
Year
00-99
01h
07h
OUT
SQWE
ALM1
ALM0
EXTOSC
RS2
RS1
RS0
Control Reg.
80h
08h
CALIBRATION
Calibration
00h
09h
UNIQUE UNLOCK ID SEQUENCE
Unlock ID
00h
0Ah
10 Seconds
Seconds
Seconds
00-59
00h
0Bh
10 Minutes
Minutes
Minutes
00 - 59
00h
0Ch
12/24
10 Hour
AM/PM
10 Hours
Hour
Hours
1-12 + AM/PM
00-23
00h
0Dh
ALM0POL
ALM0C2
ALM0C1
ALM0C0
ALM0IF
Day
Day
1-7
01h
0Eh
10 Date
Date
Date
01-31
01h
0Fh
10 Month
Month
Month
01-12
01h
10h
Reserved – Do not use
Reserved
01h
11h
10 Seconds
Seconds
Seconds
00-59
00h
12h
10 Minutes
Minutes
Minutes
00-59
00h
13h
12/24
10 Hour
AM/PM
10 Hours
Hour
Hours
1-12 + AM/PM
00-23
00h
14h
ALM1POL
ALM1C2
ALM1C1
ALM1C0
ALM1IF
Day
Day
1-7
01h
15h
10 Date
Date
Date
01-31
01h
16h
10 Month
Month
Month
01-12
01h
17h
Reserved – Do not use
Reserved
01h
18h
10 Minutes
Minutes
00h
19h
12/24
10 Hour
AM/PM
10 Hours
Hour
00h
1Ah
10 Date
Date
00h
1Bh
Day
10 Month
Month
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com