Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP79402 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP79402
Description  I2C??Real-Time Clock/Calendar with SRAM, Unique ID and Battery Switchover
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP79402 Datasheet(HTML) 1 Page - Microchip Technology

  MCP79402 Datasheet HTML 1Page - Microchip Technology MCP79402 Datasheet HTML 2Page - Microchip Technology MCP79402 Datasheet HTML 3Page - Microchip Technology MCP79402 Datasheet HTML 4Page - Microchip Technology MCP79402 Datasheet HTML 5Page - Microchip Technology MCP79402 Datasheet HTML 6Page - Microchip Technology MCP79402 Datasheet HTML 7Page - Microchip Technology MCP79402 Datasheet HTML 8Page - Microchip Technology MCP79402 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
 2011 Microchip Technology Inc.
DS25009A-page 1
MCP79400/MCP79401/MCP79402
Device Selection Table
Features:
• Real-Time Clock/Calendar (RTCC), Battery
Backed:
- Hours, Minutes, Seconds, Day of Week, Day,
Month and Year
- Dual alarm with single output
• On-Chip Digital Trimming/Calibration:
- Range -127 to +127 ppm
- Resolution 1 ppm
• Programmable Open-Drain Output Control:
- CLKOUT with 4 selectable frequencies
- Alarm output
• 64 Bytes SRAM, Battery Backed
• 64-Bit Unique ID:
- User or factory programmable
- Protected EEPROM
-EUI-48™ or EUI-64™ MAC address
- Custom ID programming
• Automatic VCC Switchover to VBAT Backup
Supply
• Power-Fail Time-Stamp for Battery Switchover
• Low-Power CMOS Technology:
- Dynamic Current: 400
A max read
- Dynamic Current: 400
A max SRAM
- Battery Backup Current: <700nA @ 1.8V
• 100 kHz and 400 kHz Compatibility
• ESD Protection >4,000V
• 1 Million Erase/Write Cycles for Unique ID
• Packages include 8-Lead SOIC, TSSOP, 2x3
TDFN, MSOP
• Pb-Free and RoHS Compliant
• Temperature Ranges:
- Industrial (I): -40°C to +85°C
Description:
The MCP7940X series of low-power Real-Time Clocks
(RTC) uses digital timing compensation for an accurate
clock/calendar, a programmable output control for
versatility, a power sense circuit that automatically
switches to the backup supply, and nonvolatile memory
for data storage. Using a low-cost 32.768 kHz crystal,
it tracks time using several internal registers. For
communication, the MCP7940X uses the I2C™ bus.
The clock/calendar automatically adjusts for months
with fewer than 31 days, including corrections for
leap years. The clock operates in either the 24-hour
or 12-hour format with an AM/PM indicator and
settable alarm(s) to the second, minute, hour, day of
the week, date or month. Using the programmable
CLKOUT, frequencies of 32.768, 8.192 and 4.096
kHz and 1 Hz can be generated from the external
crystal.
Along with the battery-backed SRAM memory, a 64-bit
protected EEPROM space is available for a unique ID
or MAC address to be programmed at the factory or by
the end user.
The device is fully accessible through the serial
interface while VCC is between 1.8V and 5.5V, but can
operate down to 1.3V for timekeeping and SRAM
retention only.
The RTC series of devices are available in the standard
8-lead SOIC, TSSOP, MSOP and 2x3 TDFN packages.
Package Types
Part Number
SRAM
(Bytes)
Unique ID
MCP79400
64
Blank
MCP79401
64
EUI-48™
MCP79402
64
EUI-64™
X1
X2
VBAT
VSS
VCC
MFP
SCL
SDA
1
2
3
4
8
7
6
5
MSOP
SOIC, TSSOP
X1
X2
VBAT
VSS
1
2
3
4
8
7
6
5
VCC
MFP
SCL
SDA
TDFN
X1
X2
VBAT
VSS
MFP
SCL
SDA
VCC
8
7
6
5
1
2
3
4
I
2C™ Real-Time Clock/Calendar with SRAM, Unique ID
and Battery Switchover


Similar Part No. - MCP79402

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP79402 MICROCHIP-MCP79402 Datasheet
1Mb / 42P
I2C Real-Time Clock/Calendar with SRAM, Unique IDand Battery Switchover
11/29/11
MCP79402 MICROCHIP-MCP79402 Datasheet
1Mb / 42P
I2C Real-Time Clock/Calendar with SRAM, Unique ID and Battery Switchover
11/29/11
MCP79402 MICROCHIP-MCP79402 Datasheet
920Kb / 62P
Battery-Backed I2C Real-Time Clock/Calendar with SRAM and Protected EEPROM
06/23/16
MCP79402-I/SN MICROCHIP-MCP79402-I/SN Datasheet
920Kb / 62P
Battery-Backed I2C Real-Time Clock/Calendar with SRAM and Protected EEPROM
06/23/16
MCP79402-I/ST MICROCHIP-MCP79402-I/ST Datasheet
920Kb / 62P
Battery-Backed I2C Real-Time Clock/Calendar with SRAM and Protected EEPROM
06/23/16
More results

Similar Description - MCP79402

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL12024IRTCZ INTERSIL-ISL12024IRTCZ Datasheet
359Kb / 24P
Real-Time Clock/Calendar with Embedded Unique ID
August 8, 2008
logo
Microchip Technology
MCP79410 MICROCHIP-MCP79410 Datasheet
580Kb / 38P
I2C??Real-Time Clock/Calendar with EEPROM, SRAM, Unique ID and Battery Switchover
2011
MCP7940N MICROCHIP-MCP7940N Datasheet
562Kb / 36P
Low-Cost I2C??Real-Time Clock/Calendar with SRAM and Battery Switchover
2011
MCP79410 MICROCHIP-MCP79410_13 Datasheet
1Mb / 60P
Battery-Backed I2C??Real-Time Clock/Calendar with EEPROM and Unique ID
11/29/12 2010-2013
MCP7940N MICROCHIP-MCP7940N_13 Datasheet
1Mb / 42P
Low-Cost I2C??Real-Time Clock/Calendar with SRAM and Battery Switchover
11/29/12
MCP7940NT-I-MNY MICROCHIP-MCP7940NT-I-MNY Datasheet
1Mb / 42P
Low-Cost I2C Real-Time Clock/Calendar with SRAM and Battery Switchover
11/29/12
MCP79400 MICROCHIP-MCP79400_13 Datasheet
1Mb / 42P
I2C Real-Time Clock/Calendar with SRAM, Unique IDand Battery Switchover
11/29/11
MCP79400T-I MICROCHIP-MCP79400T-I Datasheet
1Mb / 42P
I2C Real-Time Clock/Calendar with SRAM, Unique ID and Battery Switchover
11/29/11
logo
Intersil Corporation
ISL12024IRTC INTERSIL-ISL12024IRTC Datasheet
426Kb / 24P
Real-Time Clock/Calendar with Embedded Unique ID
December 15, 2011
logo
Renesas Technology Corp
ISL12024 RENESAS-ISL12024 Datasheet
1,018Kb / 25P
Real-Time Clock/Calendar with Embedded Unique ID
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com