Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS320 Datasheet(PDF) 25 Page - Microchip Technology

Part # HCS320
Description  KEELOQ짰 Code Hopping Encoder Automatic code word completion
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS320 Datasheet(HTML) 25 Page - Microchip Technology

Back Button HCS320_11 Datasheet HTML 21Page - Microchip Technology HCS320_11 Datasheet HTML 22Page - Microchip Technology HCS320_11 Datasheet HTML 23Page - Microchip Technology HCS320_11 Datasheet HTML 24Page - Microchip Technology HCS320_11 Datasheet HTML 25Page - Microchip Technology HCS320_11 Datasheet HTML 26Page - Microchip Technology HCS320_11 Datasheet HTML 27Page - Microchip Technology HCS320_11 Datasheet HTML 28Page - Microchip Technology HCS320_11 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
© 2011 Microchip Technology Inc.
DS41097D-page 25
HCS320
FIGURE 9-2:
POWER-UP AND TRANSMIT TIMING
FIGURE 9-3:
POWER-UP AND TRANSMIT TIMING REQUIREMENTS
FIGURE 9-4:
CODE WORD FORMAT
VDD = +3.5 to13.0V
Commercial (C): Tamb = 0°C to +70°C
Industrial
(I): Tamb = -40°C to +85°C
Parameter
Symbol
Min
Max
Unit
Remarks
Time to second button press
TBP
10 + Code
Word Time
27 + Code
Word Time
ms
(Note 1)
Transmit delay from button detect
TTD
10
27
ms
Debounce delay
TDB
615
ms
Auto-shutoff time-out period
TTO
22
77
s
(Note 2)
Note 1: TBP is the time in which a second button can be pressed without completion of the first code word and the
intention was to press the combination of buttons.
2: The Auto-shutoff time-out period is not tested.
Button Press
Sn
Detect
TDB
Output
TTD
Multiple Code Word
Transmission
TTO
Code
Word
1
Code
Word
2
Code
Word
3
Code
Word
n
TBP
Code
Word
4
PWM
Input
Button
LOGIC ‘0’
LOGIC ‘1’
Bit Period
Preamble
Header
Encrypted Portion
of Transmission
Fixed Portion of
Transmission
Guard
Time
TP
TH
THOP
TFIX
TG
50% Duty Cycle
TBP
TE
TE
TE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com