Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS320 Datasheet(PDF) 12 Page - Microchip Technology

Part # HCS320
Description  KEELOQ짰 Code Hopping Encoder Automatic code word completion
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS320 Datasheet(HTML) 12 Page - Microchip Technology

Back Button HCS320_11 Datasheet HTML 8Page - Microchip Technology HCS320_11 Datasheet HTML 9Page - Microchip Technology HCS320_11 Datasheet HTML 10Page - Microchip Technology HCS320_11 Datasheet HTML 11Page - Microchip Technology HCS320_11 Datasheet HTML 12Page - Microchip Technology HCS320_11 Datasheet HTML 13Page - Microchip Technology HCS320_11 Datasheet HTML 14Page - Microchip Technology HCS320_11 Datasheet HTML 15Page - Microchip Technology HCS320_11 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
HCS320
DS41097D-page 12
© 2011 Microchip Technology Inc.
5.6
Blank Alternate Code Word
Federal Communications Commission (FCC) part 15
rules specify the limits on fundamental power and
harmonics that can be transmitted. Power is calcu-
lated on the worst case average power transmitted in
a 100 ms window. It is therefore advantageous to
minimize the duty cycle of the transmitted word. This
can be achieved by minimizing the duty cycle of the
individual bits and by blanking out consecutive words.
Blank Alternate Code Word (BACW) is used for
reducing the average power of a transmission
(Figure 5-1). This is a selectable feature that is deter-
mined in conjunction with the baud rate selection bits
BSL0 and BSL1. Using the BACW allows the user to
transmit a higher amplitude transmission if the trans-
mission length is shorter. The FCC puts constraints on
the average power that can be transmitted by a
device, and BACW effectively prevents continuous
transmission by only allowing the transmission of
every second or every fourth code word. This reduces
the average power transmitted and hence, assists in
FCC approval of a transmitter device.
FIGURE 5-2:
BLANK ALTERNATE CODE WORD (BACW)
Code Word
BACW Disabled
(All words transmitted)
BACW Enabled
(1 out of 2 transmitted)
BACW Enabled
(1 out of 4 transmitted)
A
2A
4A
Amplitude
Time
Code Word
Code Word
Code Word



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com