Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS320 Datasheet(PDF) 13 Page - Microchip Technology

Part # HCS320
Description  KEELOQ짰 Code Hopping Encoder Automatic code word completion
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS320 Datasheet(HTML) 13 Page - Microchip Technology

Back Button HCS320_11 Datasheet HTML 9Page - Microchip Technology HCS320_11 Datasheet HTML 10Page - Microchip Technology HCS320_11 Datasheet HTML 11Page - Microchip Technology HCS320_11 Datasheet HTML 12Page - Microchip Technology HCS320_11 Datasheet HTML 13Page - Microchip Technology HCS320_11 Datasheet HTML 14Page - Microchip Technology HCS320_11 Datasheet HTML 15Page - Microchip Technology HCS320_11 Datasheet HTML 16Page - Microchip Technology HCS320_11 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
© 2011 Microchip Technology Inc.
DS41097D-page 13
HCS320
5.7
SHIFT Key Operation
The HCS320 has four switch inputs usually connected
to buttons as shown in Figure 2-1: Typical Circuits.
Any button connected to input S0, S1 or S2 is called a
TRANSMIT button as it causes a transmission when
pressed.
The SHIFT button is connected to the SHIFT input.
Pressing the SHIFT button increments a counter by
one count and does not result in a transmission. The
counter value is called the shift level. Successive
presses of the SHIFT button can increase the shift level
up to three before wrapping back to zero. The shift level
is available for eight seconds when the SHIFT button is
released, after which the shift level is reset to zero.
When a TRANSMIT button is pressed, the function
code transmitted for that button depends on the shift
level. The transmitted function code corresponding to
shift level and S0, S1 and S2 switch activation is shown
in Table 5-1 for all legal combinations of shift level and
button input. Note that a shift level of zero means that
the SHIFT button has not been pressed (or it has been
pressed four times). The shift level is reset to zero after
a transmission.
The volatile nature of the shift level register requires the
HCS320 to be powered continuously for correct opera-
tion and not powered via the buttons.
TABLE 5-1:
PIN ACTIVATION TABLE
SHIFT
LEVEL
S2
S1
S0
FUNCTION
CODE
0
0
0
0
No Transmission
00
0
1
0h
00
1
0
1h
00
1
1
2h
01
0
0
3h
1
0
0
0
No Transmission
10
0
1
4h
10
1
0
5h
10
1
1
6h
11
0
0
7h
2
0
0
0
No Transmission
20
0
1
8h
20
1
0
9h
20
1
1
Ah
21
0
0
Bh
3
0
0
0
No Transmission
30
0
1
Ch
30
1
0
Dh
30
1
1
Eh
31
0
0
Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com