Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS320 Datasheet(PDF) 26 Page - Microchip Technology

Part # HCS320
Description  KEELOQ짰 Code Hopping Encoder Automatic code word completion
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS320 Datasheet(HTML) 26 Page - Microchip Technology

Back Button HCS320_11 Datasheet HTML 22Page - Microchip Technology HCS320_11 Datasheet HTML 23Page - Microchip Technology HCS320_11 Datasheet HTML 24Page - Microchip Technology HCS320_11 Datasheet HTML 25Page - Microchip Technology HCS320_11 Datasheet HTML 26Page - Microchip Technology HCS320_11 Datasheet HTML 27Page - Microchip Technology HCS320_11 Datasheet HTML 28Page - Microchip Technology HCS320_11 Datasheet HTML 29Page - Microchip Technology HCS320_11 Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 38 page
background image
HCS320
DS41097D-page 26
© 2011 Microchip Technology Inc.
FIGURE 9-5:
CODE WORD FORMAT: PREAMBLE/HEADER PORTION
FIGURE 9-6:
CODE WORD FORMAT: DATA PORTION
TABLE 9-3:
CODE WORD TRANSMISSION TIMING REQUIREMENTS
VDD = +3.5 to 13.0
Commercial(C):Tamb = 0°C to +70°C
Industrial(I):Tamb = -40°C to +85°C
Code Words Transmitted
All
1 out of 2
1 out of 4
Symbol
Characteristic
Number
of TE
Min.
Typ.
Max.
Min.
Typ. Max. Min.
Typ. Max. Units
TE
Basic pulse element
1
280
400
620
140
200
310
70
100
155
μs
TBP
PWM bit pulse width
3
840
1200
1860
420
600
930
210
300
465
μs
TP
Preamble duration
23
6.4
9.2
14.3
3.2
4.6
7.1
1.6
2.3
3.6
ms
TH
Header duration
10
2.8
4.0
6.2
1.4
2.0
3.1
0.7
1.0
1.6
ms
THOP
Hopping code duration
96
26.9
38.4
59.5
13.4
19.2
29.8
6.7
9.6
14.9
ms
TFIX
Fixed code duration
102
28.6
40.8
63.2
14.3
20.4
31.6
7.1
10.2
15.8
ms
TG
Guard Time
199
55.6
79.6
123.5
28.1
39.861.713.819.930.6
ms
—
Total Transmit Time
430
120.3 172.0
266.7
60.4
86.0
133.3
29.9
43.0
66.5
ms
—
PWM data rate
—
1190
833
538
2381
1667
1075
4762
3333
2151
bps
Note:
The timing parameters are not tested but derived from the oscillator clock.
50% Duty Cycle Preamble
Header
P1
P12
23 TE
10 TE
Data Bits
Bit 0 Bit 1
Bit 0 Bit 1
Header
Bit 30 Bit 31 Bit 32 Bit 33 Bit 58 Bit 59
Fixed Portion
Encrypted Portion
Guard
LSB
LSB
MSB
MSB S3
S0
S1
S2
VLOW RPT
Time
Serial Number
Button Code
Status
Bit 60 Bit 61 Bit 62 Bit 63 Bit 64 Bit 65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com