Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFHCS362G Datasheet(PDF) 31 Page - Microchip Technology

Part # RFHCS362G
Description  KEELOQ짰 Code Hopping Encoder with UHF ASK/FSK Transmitter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RFHCS362G Datasheet(HTML) 31 Page - Microchip Technology

Back Button RFHCS362G Datasheet HTML 27Page - Microchip Technology RFHCS362G Datasheet HTML 28Page - Microchip Technology RFHCS362G Datasheet HTML 29Page - Microchip Technology RFHCS362G Datasheet HTML 30Page - Microchip Technology RFHCS362G Datasheet HTML 31Page - Microchip Technology RFHCS362G Datasheet HTML 32Page - Microchip Technology RFHCS362G Datasheet HTML 33Page - Microchip Technology RFHCS362G Datasheet HTML 34Page - Microchip Technology RFHCS362G Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 54 page
background image
© 2011 Microchip Technology Inc.
DS41189B-page 31
rfHCS362G/362F
6.6
Power Amplifier
The PLL output feeds the power amplifier (PA). The
open-collector differential output (ANT1, ANT2) can be
used to drive a loop antenna directly or converted to
single-ended output via an impenance matching net-
work or balanced-to-unbalanced (balun) transformer.
Pins ANT1 and ANT2 are open-collector outputs and
must be pulled-up to VDDRF through the load.
The differential output of the PA should be matched to
an impedance of 800 to 1000
Ω. Failure to match the
impedance may cause excessive spurious and har-
monic emissions. For more information see Application
Note AN831, Matching Small Loop Antennas to rfPIC
Devices.
The transmit output power can be adjusted in six dis-
crete steps from +2 dBm to -12 dBm by varying the volt-
age (VPS) at the PS/DATAASK pin. Figure 6-5 shows an
example voltage divider network for ASK operation and
Figure 6-6 for FSK operation.
For FSK operation, the PS/DATAASK pin only serves as
a Power Select (PS) pin. An internal 20
μA current
source pushes current through the PS/DATAASK pin
resulting in a voltage drop across resistor R2 at the VPS
level selected for transmitter output power. VPS selects
the PA bias current. Higher transmit power will draw
higher current.
For ASK operation, the function of the PS/DATAASK pin
is to turn the Power Amplifier (PA) on and off. Resistors
R1 and R2 form a voltage divider network to apply volt-
age VPS for the selected transmitter output power. If
maximum transmitter output is desired, the output of a
GP0 pin can be connected directly to PS/DATAASK.
Table 6-6 lists typical values for R1 and R2 for both the
ASK and FSK modes.
.
FIGURE 6-5:
EXAMPLE ASK POWER
SELECT CIRCUIT
FIGURE 6-6:
EXAMPLE FSK POWER
SELECT CIRCUIT
TABLE 6-6:
POWER SELECT (1)
Note: PS/DATAASK is driven low when RFENIN = 0.
Make sure external circuitry on PS/DATAASK
does not conflict by driving the pin high. The
encoder DATA output works because it is low if
RFENOUT is low
PS/DATAASK
rfHCS362G/362F
R2
R1
DATA IN
VPS
20μA
To power
select
circuitry
PS/DATAASK
rfHCS362G/362F
R2
VPS
20μA
To power
select
circuitry
Transmitter
Output Power
(dBm)
Transmitter
Operating Current
(mA)
Power Select (PS)
Voltage VPS
(Volts) (2)
ASK
FSK
R1 (
Ω)R2 (Ω) (3)
R2 (
Ω)
+2
11.5
≥2.0
2400
4700
≥75K
-1
8.6
1.2
6800
4700
56K
-4
7.3
0.9
11K
4700
47K
-7
6.2
0.7
15K
4700
39K
-10
5.3
0.5
24K
4700
27K
-12
4.8
0.3
43K
4700
15K
-60
<4.8
<0.1
OPEN
4700
4700



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com