Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFHCS362G Datasheet(PDF) 51 Page - Microchip Technology

Part # RFHCS362G
Description  KEELOQ짰 Code Hopping Encoder with UHF ASK/FSK Transmitter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RFHCS362G Datasheet(HTML) 51 Page - Microchip Technology

Back Button RFHCS362G Datasheet HTML 46Page - Microchip Technology RFHCS362G Datasheet HTML 47Page - Microchip Technology RFHCS362G Datasheet HTML 48Page - Microchip Technology RFHCS362G Datasheet HTML 49Page - Microchip Technology RFHCS362G Datasheet HTML 50Page - Microchip Technology RFHCS362G Datasheet HTML 51Page - Microchip Technology RFHCS362G Datasheet HTML 52Page - Microchip Technology RFHCS362G Datasheet HTML 53Page - Microchip Technology RFHCS362G Datasheet HTML 54Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 51 / 54 page
background image
© 2011 Microchip Technology Inc.
DS41189B-page 51
rfHCS362G/362F
rfHCS362G/362F PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
* JW Devices are UV erasable and can be programmed to any device configuration. JW Devices meet the electrical requirement of
each oscillator type.
PART NO.
X
/XX
XXX
Pattern
Package
Temperature
Range
Device
Device
rfHCS362G: RF Code Hopping Encoder
rfHCS362F
: RF Code Hopping Encoder
rfHCS362GT
: RF Code Hopping Encoder (Tape & Reel)
rfHCS362FT: RF Code Hopping Encoder (Tape & Reel)
Temperature Range
I
=
-40
° C to+85° C
Package
SO
=
300 mil SOIC
SS
=
209 mil SSOP
Pattern
Special Requirements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com