Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFHCS362G Datasheet(PDF) 46 Page - Microchip Technology

Part # RFHCS362G
Description  KEELOQ짰 Code Hopping Encoder with UHF ASK/FSK Transmitter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RFHCS362G Datasheet(HTML) 46 Page - Microchip Technology

Back Button RFHCS362G Datasheet HTML 42Page - Microchip Technology RFHCS362G Datasheet HTML 43Page - Microchip Technology RFHCS362G Datasheet HTML 44Page - Microchip Technology RFHCS362G Datasheet HTML 45Page - Microchip Technology RFHCS362G Datasheet HTML 46Page - Microchip Technology RFHCS362G Datasheet HTML 47Page - Microchip Technology RFHCS362G Datasheet HTML 48Page - Microchip Technology RFHCS362G Datasheet HTML 49Page - Microchip Technology RFHCS362G Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 54 page
background image
rfHCS362G/362F
DS41189B-page 46
© 2011 Microchip Technology Inc.
FIGURE 10-5:
MANCHESTER FORMAT SUMMARY (MOD=1)
FIGURE 10-6:
MANCHESTER PREAMBLE/HEADER FORMAT (MOD=1)
TABLE 10-5:
CODE WORD TRANSMISSION TIMING PARAMETERS—MANCHESTER MODE(1,3)
VDD = +2.0V to 6.3V
Industrial
(I): TAMB = -40 °C to +85 °C
BSEL Value
11
10
01
00
Symbol
Characteristic
Typical
Typical
Typical
Typical
Units
TE
Basic pulse element(3)
800
400
200
100
μs
TBP
Bit width
222
2
TE
TP
Preamble duration
31
31
31
31
TE
TH
Header duration
4
4
4
4
TE
TC
Data duration
138
138
138
138
TE
TG
Guard time(2)
26.8
26.4
26
25.8
ms
—
Total transmit time
166
96
61
43
ms
—
Data Rate
625
1250
2500
5000
bps
Note 1: The timing parameters are not tested but derived from the oscillator clock.
2: Assuming GUARD = 10 option selected in CONFIG_0 Configuration Word.
3: Allow for a +/- 10% tolerance on the encoder internal oscillator after calibration.
Guard
Preamble
Header
Encrypted
Fixed Code
1 2
START bit
STOP bit
Time
Portion
Portion
16
bit 0 bit 1 bit 2
LOGIC "0"
LOGIC "1"
TE TE
TBP
Preamble
Header
31 x TE
4 x TE
Bit 0
Bit 1
Data Word
Transmission
P1
P16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com