Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFHCS362G Datasheet(PDF) 1 Page - Microchip Technology

Part # RFHCS362G
Description  KEELOQ짰 Code Hopping Encoder with UHF ASK/FSK Transmitter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RFHCS362G Datasheet(HTML) 1 Page - Microchip Technology

  RFHCS362G Datasheet HTML 1Page - Microchip Technology RFHCS362G Datasheet HTML 2Page - Microchip Technology RFHCS362G Datasheet HTML 3Page - Microchip Technology RFHCS362G Datasheet HTML 4Page - Microchip Technology RFHCS362G Datasheet HTML 5Page - Microchip Technology RFHCS362G Datasheet HTML 6Page - Microchip Technology RFHCS362G Datasheet HTML 7Page - Microchip Technology RFHCS362G Datasheet HTML 8Page - Microchip Technology RFHCS362G Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
© 2011 Microchip Technology Inc.
DS41189B-page 1
rfHCS362G/362F
General
• Combination KEELOQ® encoder and synthesized
UHF ASK/FSK transmitter in a single package
• Operates on a single lithium coin cell
- <200 nA typical standby current
- 4.8 to 11.5 mA transmit current
- 2.2 to 5.5V operation
• Integrated solution with minimum external parts
• Separate pin-outs for KEELOQ encoder and RF
transmitter provides for design flexibility
Code Hopping Encoder
• Programmable minimum code word completion
• Battery low signal transmitted to receiver with pro-
grammable threshold
• Non-volatile EEPROM storage of synchronization
data
• Easy to use EEPROM programming interface
• PWM or Manchester modulation
• Selectable encoder data rate 417 to 3334 bps
• On-chip tunable encoder oscillator
• RF Enable output for transmitter control
• Button inputs have internal pull-down resistors
• Elapsed time and button queuing options
• Current limiting on LED output
• 2-bit CRC for error detection
UHF ASK/FSK Transmitter
• Conforms to US FCC Part 15.231 regulations and
European ERC 70-03E and EN 300 220-1
requirements
• VCO phase locked to quartz crystal reference;
allows narrow receiver bandwidth to maximize
range and interference immunity
• Crystal frequency divide by 4 output (CLKOUT)
• Transmit frequency range (310 – 440 MHz) set by
Crystal frequency
• ASK Modulation
• FSK Modulation through crystal pulling
(rfHCS362F)
• Adjustable output power: -12 dBm to +2 dBm
• Differential output configurable for single or
double ended loop antenna
• Automatic power amplifier inhibit until PLL lock
Pin Diagrams
Security
• Programmable 28/32-bit serial number
• Two programmable 64-bit encryption keys
• Programmable 60-bit seed
• Each 69-bit transmission is unique with 32 bits of
hopping code
• Encryption keys are read protected
Applications
• Automotive Remote Keyless Entry (RKE) systems
• Automotive alarm systems
• Automotive immobilizers
• Community gate and garage door openers
• Identity tokens with usage counters
• Burglar alarm systems
• Building access
Device
Features
Encrypt
Keys
Encoding
Transmitter
rfHCS362AG
2 x 64
PWM/MAN
ASK
rfHCS362AF
2 x 64
PWM/MAN
ASK/FSK
SOIC
VSS
S2
XTAL
S3/RFENOUT
VDD
LED/SHIFT
S1
RFENIN
CLKOUT
PS/DATAASK
VDDRF
S0
LF
2
3
4
5
6
7
8
9
•1
17
16
14
13
12
11
10
15
18
DATA
ANT2
NC
VSSRF
ANT1
SSOP
VSS
S2
DATAFSK
S3/RFENOUT
VDD
LED/SHIFT
S1
RFENIN
CLKOUT
PS/DATAASK
VDDRF
S0
LF
2
3
4
5
6
7
8
9
•1
19
18
16
15
14
13
12
17
20
DATA
NC
VSSRF
ANT2
ANT1
10
11
FSKOUT
XTAL
KEELOQ® Code Hopping Encoder with
UHF ASK/FSK Transmitter


Similar Part No. - RFHCS362G

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
RFHCS362G MICROCHIP-RFHCS362G Datasheet
502Kb / 60P
Code Hopping Encoder with UHF ASK/FSK Transmitter
2002
More results

Similar Description - RFHCS362G

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
RFHCS362F MICROCHIP-RFHCS362F Datasheet
502Kb / 60P
Code Hopping Encoder with UHF ASK/FSK Transmitter
2002
logo
ATMEL Corporation
ATA5756 ATMEL-ATA5756 Datasheet
321Kb / 20P
UHF ASK/FSK TRANSMITTER
T5750 ATMEL-T5750_07 Datasheet
211Kb / 13P
UHF ASK/FSK Transmitter
U2741B ATMEL-U2741B_05 Datasheet
200Kb / 11P
UHF ASK/FSK TRANSMITTER
logo
Microchip Technology
HCS410 MICROCHIP-HCS410_01 Datasheet
481Kb / 36P
KEELOQ짰 Code Hopping Encoder and Transponder
2001
HCS360 MICROCHIP-HCS360_01 Datasheet
421Kb / 28P
KEELOQ짰 Code Hopping Encoder
2001
logo
ATMEL Corporation
ATA5756 ATMEL-ATA5756_08 Datasheet
340Kb / 20P
UHF ASK/FSK Transmitter
T5753 ATMEL-T5753_08 Datasheet
270Kb / 13P
UHF ASK/FSK Transmitter
logo
Microchip Technology
HCS200 MICROCHIP-HCS200_11 Datasheet
728Kb / 34P
KEELOQ짰 Code Hopping Encoder 32-bit hopping code
2011
HCS320 MICROCHIP-HCS320_11 Datasheet
740Kb / 38P
KEELOQ짰 Code Hopping Encoder Automatic code word completion
2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com