Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UBA2015AP Datasheet(PDF) 5 Page - NXP Semiconductors

Part # UBA2015AP
Description  600 V fluorescent lamp driver with PFC, linear dimming and boost function
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA2015AP Datasheet(HTML) 5 Page - NXP Semiconductors

  UBA2015AP Datasheet HTML 1Page - NXP Semiconductors UBA2015AP Datasheet HTML 2Page - NXP Semiconductors UBA2015AP Datasheet HTML 3Page - NXP Semiconductors UBA2015AP Datasheet HTML 4Page - NXP Semiconductors UBA2015AP Datasheet HTML 5Page - NXP Semiconductors UBA2015AP Datasheet HTML 6Page - NXP Semiconductors UBA2015AP Datasheet HTML 7Page - NXP Semiconductors UBA2015AP Datasheet HTML 8Page - NXP Semiconductors UBA2015AP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
UBA2016A_15_15A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Objective data sheet
Rev. 1 — 20 May 2011
5 of 42
NXP Semiconductors
UBA2016A/15/15A
600 V fluorescent lamp driver
6.
Pinning information
6.1 Pinning
6.2 Pin description
Fig 3.
Pin configuration UBA2016A
Fig 4.
Pin configuration UBA2015
UBA2016A
SLHB
GHHB
IFB
FSHB
EOL
SHHB
VFB
GLHB
IREF
VDD
CIFB
GND
CF
GPFC
CPT
AUXPFC
DIM
COMPPFC
BOOST
FBPFC
001aam532
1
2
3
4
5
6
7
8
9
10
12
11
14
13
16
15
18
17
20
19
UBA2015
SLHB
GHHB
IFB
FSHB
EOL
SHHB
VFB
GLHB
IREF
VDD
CIFB
GND
CF
GPFC
CPT
AUXPFC
n.c.
COMPPFC
PH/EN
FBPFC
001aan200
1
2
3
4
5
6
7
8
9
10
12
11
14
13
16
15
18
17
20
19
Fig 5.
Pin configuration UBA2015A
UBA2015A
SLHB
GHHB
IFB
FSHB
EOL
SHHB
VFB
GLHB
IREF
VDD
CIFB
GND
CF
GPFC
CPT
AUXPFC
DIM
COMPPFC
PH/EN
FBPFC
001aan199
1
2
3
4
5
6
7
8
9
10
12
11
14
13
16
15
18
17
20
19
Table 3.
Pin description
Symbol
Pin
Description
SLHB
1
half-bridge (HB) low-side switch current sense input
IFB
2
lamp current feedback input
EOL
3
end-of-life sensing input
VFB
4
lamp voltage feedback input
IREF
5
reference current setting
CIFB
6
lamp current feedback compensation
CF
7
high frequency (HF) oscillator timing capacitor
CPT
8
preheat and fault timing capacitor
DIM
9
dimming function input UBA2016A and UBA2015A
n.c.
9
UBA2015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com