Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UBA2015AP Datasheet(PDF) 9 Page - NXP Semiconductors

Part # UBA2015AP
Description  600 V fluorescent lamp driver with PFC, linear dimming and boost function
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA2015AP Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button UBA2015AP Datasheet HTML 5Page - NXP Semiconductors UBA2015AP Datasheet HTML 6Page - NXP Semiconductors UBA2015AP Datasheet HTML 7Page - NXP Semiconductors UBA2015AP Datasheet HTML 8Page - NXP Semiconductors UBA2015AP Datasheet HTML 9Page - NXP Semiconductors UBA2015AP Datasheet HTML 10Page - NXP Semiconductors UBA2015AP Datasheet HTML 11Page - NXP Semiconductors UBA2015AP Datasheet HTML 12Page - NXP Semiconductors UBA2015AP Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
UBA2016A_15_15A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Objective data sheet
Rev. 1 — 20 May 2011
9 of 42
NXP Semiconductors
UBA2016A/15/15A
600 V fluorescent lamp driver
7.3.1 VDD supply
The UBA2016A/15/15A is intended to be supplied by a start-up bleeder resistor
connected between the bus voltage VBUS and VDD and a dV/dt supply from the
half-bridge point at pin SHHB.
The IC starts up when the voltage at pin VDD rises above start-up voltage Vstartup(VDD) and
locks out (stops oscillating) when the voltage at pin VDD drops below stop voltage
Vstop(VDD). The hysteresis between the start and stop levels allows the IC to be supplied
by a buffer capacitor until the dV/dt supply is settled. The UBA2016A/15/15A has an
internal VDD clamp. This is an internal active Zener (or shunt regulator) that limits the
voltage on the VDD supply pin to clamp voltage Vclamp(VDD). No external Zener diode is
needed in the dV/dt supply circuit if the maximum current of the dV/dt supply minus the
current consumption of the IC (mainly determined by the gate drivers’ load) is below
Iclamp(VDD).
7.3.2 Low- and high-side drivers
The low- and high-side drivers are identical. The output of each driver is connected to the
equivalent gate of an external power MOSFET. The high-side driver is supplied by the
bootstrap capacitor, which is charged from the VDD supply voltage via an internal diode
when the low-side power MOSFET is on. The low-side driver is directly supplied by the
VDD supply voltage.
7.3.3 Non-overlap
During each transition between the two states GLHB HIGH/GHHB LOW and
GLHB LOW/GHHB HIGH, GLHB and GHHB will both be LOW for a fixed non-overlap time
tno to allow the half-bridge point to be charged or discharged by the load current
(assuming the load always has an inductive behavior), and enabling zero voltage
switching; see Figure 8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com