Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UBA2015AP Datasheet(PDF) 17 Page - NXP Semiconductors

Part # UBA2015AP
Description  600 V fluorescent lamp driver with PFC, linear dimming and boost function
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA2015AP Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button UBA2015AP Datasheet HTML 13Page - NXP Semiconductors UBA2015AP Datasheet HTML 14Page - NXP Semiconductors UBA2015AP Datasheet HTML 15Page - NXP Semiconductors UBA2015AP Datasheet HTML 16Page - NXP Semiconductors UBA2015AP Datasheet HTML 17Page - NXP Semiconductors UBA2015AP Datasheet HTML 18Page - NXP Semiconductors UBA2015AP Datasheet HTML 19Page - NXP Semiconductors UBA2015AP Datasheet HTML 20Page - NXP Semiconductors UBA2015AP Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
UBA2016A_15_15A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Objective data sheet
Rev. 1 — 20 May 2011
17 of 42
NXP Semiconductors
UBA2016A/15/15A
600 V fluorescent lamp driver
However, the switching frequency can never go below fsw(low) (unless for UBA2016A when
the boost function is active, see Section 7.4.7.3). If the regulation level is not reached at
fsw(low) the IC will stay at fsw(low) (point E in Figure 10 and Figure 11).
7.4.7.2
Operation without lamp current control
To operate the lamp without current control the lamp current sense pin IFB must be
connected to ground. The lamp now operates at the lowest frequency fsw(low) (point E in
Figure 10 or Figure 11). Dimming is not supported in this case.
7.4.7.3
Boost
The boost feature is available only in the UBA2016A to support shorter run up times. The
boost function changes the half-bridge switching frequency by lowering the lowest
possible switching frequency from fsw(low) to fsw(bst)(low) and increasing the lamp current set
point Vreg(IFB) by adding a multiple of the boost current to the OTA output current which
translates to an extra voltage being added to Vreg(ref). During boost time, the frequency is
lowered, and as a consequence of the inductive load the lamp current is increased.
The implementation of the boost function is shown in Figure 12 “Lamp current control”.
The boost input is a current input with an input range of 0 to Isat(BOOST). The input current
is internally clamped at Isat(BOOST). If the input current at the pin is above Isat(BOOST) the
effect will not become bigger. The voltage on the pin is determined by the voltage drop
across the internal current mirror input and limited by an internal clamp circuit if the input
current at the pin rises above Isat(BOOST). For maximum current allowed into the pin; see
Table 4. An example of how boost function can be implemented is shown in Figure 13.
The boost current is determined by resistor RBOOST. Rbias provides a small threshold for
the boost function and with capacitor CBOOST keeps the BOOST pin at a defined (inactive)
level (0 V) during normal lamp operation (after the boost period). The boost time constant
is reflected by the sum of capacitors Chv and CBOOST and RBOOST. Resistor Rhv and
capacitor CBOOST filter out the ripple on Vo(PFC).
An example of component values for Vo(PFC) =430 V is:
Rhv =22 MΩ (500 V); Chv = 100 nF (500 V); Dreset = 1N4148; CBOOST = 150 nF (63 V);
RBOOST =10MΩ and Rbias =10MΩ.
Fig 13. Boost application example; UBA2016A
001aam539
Dreset
Cboost
CBUS
Vo(PFC)
Chv
BOOST
RBOOST
Rhv
Rbias
UBA2016A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com