Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UBA2015AP Datasheet(PDF) 14 Page - NXP Semiconductors

Part # UBA2015AP
Description  600 V fluorescent lamp driver with PFC, linear dimming and boost function
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA2015AP Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button UBA2015AP Datasheet HTML 10Page - NXP Semiconductors UBA2015AP Datasheet HTML 11Page - NXP Semiconductors UBA2015AP Datasheet HTML 12Page - NXP Semiconductors UBA2015AP Datasheet HTML 13Page - NXP Semiconductors UBA2015AP Datasheet HTML 14Page - NXP Semiconductors UBA2015AP Datasheet HTML 15Page - NXP Semiconductors UBA2015AP Datasheet HTML 16Page - NXP Semiconductors UBA2015AP Datasheet HTML 17Page - NXP Semiconductors UBA2015AP Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
UBA2016A_15_15A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Objective data sheet
Rev. 1 — 20 May 2011
14 of 42
NXP Semiconductors
UBA2016A/15/15A
600 V fluorescent lamp driver
The preheat frequency for UBA2015 and UBA2015A can also be regulated via pin PH/EN.
UBA2015 and UBA2015A support current controlled preheat and fixed frequency preheat.
During preheat the output voltage of pin PH/EN is Vph(PH/EN). The output current that an
external resistor Rext(PH/EN) connected to this pin sinks is compared to 4⁄5 of the output
current of the VCO (the current at pin CF with no fault condition present and the capacitor
at that pin being charged minus the same current at fsw(low)). As long as the output current
of the VCO is bigger the frequency is being decreased (by charging pin CIFB with
Ich(CIFB)). If the current through the external resistor is bigger the frequency will be
increased (by discharging pin CIFB with Idch(CIFB)).
Current and fixed frequency control mechanisms are active at the same time. For fixed
frequency preheat using pin PH/EN, the half-bridge current sense resistor connected to
pin SLHB should be small enough not the activate the current control mechanism. If
current controlled preheat is used, pin PH/EN should be left open (except of course for the
open collector or open drain that drives the enable function). The preheat time tto(ph) can
be set with capacitor CCPT on pin CPT.
7.4.5 Ignition
After the Preheat state the IC enters the Ignition state. During the Ignition state the
switching frequency is decreased by charging pin CIFB with Ich(CIFB). This will result in
increasing lamp voltage until the lamp ignites (see point C in Figure 10 “Resonance curve
application with UBA2015A” or Figure 11 “Resonance curve application with UBA2016A”)
and lamp-on or fsw(low) (lowest frequency) is detected. Lamp-on detection occurs when the
average absolute voltage on pin IFB is above lamp-on detection threshold Vth(lod)(IFB) and
the voltage on pin VFB is more then 50 % of each clock cycle below the lamp-on detection
threshold Vth(lod)(VFB) and after a delay td(lod).
If either saturation, overvoltage or hard switching regulation (UBA2016A only) is triggered
it will overrule the frequency sweep down and hold the frequency at the border where the
fault appeared and start the fault timer. When the fault timeout tto(fault) is reached the IC
enters Auto-restart state if it was the first ignition attempt, otherwise it will go to the Stop
state; see Figure 9 “State diagram”.
7.4.6 Auto-restart
The Auto-restart state is entered after a fault time out in the Ignition state during the first
ignition attempt. See Figure 9 “State diagram”. When the IC is in Auto-restart state, it
draws supply current Irestart(VDD). This will slowly discharge the buffer capacitor on pin
VDD until the voltage on this pin drops below Vrestart(VDD). The IC then enters the Standby
state. Here the VDD capacitor will be charged again to start a second ignition attempt. The
bleeder current must be between standby current Istb(VDD) and Irestart(VDD). A time delay
can be set between the two ignition attempts with the capacitor at pin VDD to reduce
stress on the HB components.
7.4.7 Burn
In Burn state the lamp current regulation and all protection circuits are active. The boost
function (available in UBA2016A only) is also enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com