Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1874ARQZ-1.0-R7 Datasheet(PDF) 25 Page - Analog Devices

Part # ADP1874ARQZ-1.0-R7
Description  Synchronous Buck Controller with Constant On-Time and Valley Current Mode
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1874ARQZ-1.0-R7 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADP1874ARQZ-1.0-R7 Datasheet HTML 21Page - Analog Devices ADP1874ARQZ-1.0-R7 Datasheet HTML 22Page - Analog Devices ADP1874ARQZ-1.0-R7 Datasheet HTML 23Page - Analog Devices ADP1874ARQZ-1.0-R7 Datasheet HTML 24Page - Analog Devices ADP1874ARQZ-1.0-R7 Datasheet HTML 25Page - Analog Devices ADP1874ARQZ-1.0-R7 Datasheet HTML 26Page - Analog Devices ADP1874ARQZ-1.0-R7 Datasheet HTML 27Page - Analog Devices ADP1874ARQZ-1.0-R7 Datasheet HTML 28Page - Analog Devices ADP1874ARQZ-1.0-R7 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
ADP1874/ADP1875
Rev. 0 | Page 25 of 44
690mV
640mV
600mV
530mV
FB
HYSTERESIS (50mV)
OUTPUT OVERVOLTAGE
PGOOD DEASSERT
PGOOD
REASSERT
PGOOD
ASSERTION
AT POWER-UP
PGOOD
DEASSERTION
AT POWER DOWN
SOFT-START
VEXT
PGOOD
0V
0V
tPGD
tPGD
tPGD
tPGD
Figure 80. Power Good Timing Diagram, tPGD = 12 μs (Diagram May Look Disproportionate for Illustration Purposes.)
SLAVE
RTRK2
1kΩ
RTRK1
1kΩ
RPGD
VEXT
CSS
10kΩ
RTOP2
1kΩ
RBOT2
1kΩ
VREG
1.2V VOUT2 (SLAVE)
EN
FB
GND
PGOOD
SS
TRACK
PGND
MASTER
10kΩ
RTOP1
RBOT1
VREG
1.8V VOUT1 (MASTER)
EN
FB
GND
PGND
0.9V
Figure 81. Coincident Tracking Circuit Implementation
SLAVE
RTRK2
500Ω
RTRK1
1kΩ
RPGD
VEXT
CSS
10kΩ
RTOP2
1kΩ
RBOT2
1kΩ
VREG
1.2V VOUT2 (SLAVE)
EN
FB
GND
PGOOD
SS
TRACK
PGND
MASTER
10kΩ
RTOP1
RBOT1
VREG
2.5V VOUT1 (MASTER)
EN
FB
GND
PGND
1.7V
Figure 82. Ratiometric Tracking Circuit Implementation
VOLTAGE TRACKING
The ADP1874/ADP1875 feature a voltage-tracking function that
facilitates proper power-up sequencing in applications that require
tracking a master voltage. In this manner, the user is free to
impose a master voltage that typically comes with a selectable
or programmable ramp rate on slave or secondary power rails.
To impose any voltage tracking relationship, the master voltage
rise time must be longer than the slave voltage soft start period.
This is particularly important in applications such as I/O voltage
sequencing and core voltage applications where specific power
sequencing is required.
Tracking is made possible by four inputs to the error amplifier,
three of which are input pins to the IC. The TRACK and SS pins
are positive inputs, and the FB pin provides the negative feedback
from the output voltage via the divider network. The fourth input
to the amplifier is the reference voltage of 0.6 V. The negative
feedback pin (FB pin) regulates the output voltage to the lowest
of the three positive inputs (TRACK, SS, and 0.6 V reference).
In all tracking configurations, the slave output can be set to as
low as 0.6 V for a given operating condition. The master voltage
must have a longer rise time than the slaves programmed soft
start period; otherwise, the tracking relationship will not be
observed at the slave output.
Coincident and ratiometric tracking are two possible tracking
configuration options offered by the ADP1874/ADP1875.
Coincident tracking is the most commonly used tracking
technique. It is primarily used in core and I/O sequencing
applications. The ramp rate of the master voltage is fully
imposed onto the ramp rate of the slave output voltage until it
has reached its regulation setpoint. Connecting the TRACK pin,
by differentially tapping onto the master voltage via a resistive
divider of similar ratio to the slave feedback divider network,
is depicted in Figure 83.
MASTER VOLTAGE
SLAVE VOLTAGE
TIME (ms)
Figure 83. Coincident Tracking: Master Voltage—Slave Voltage Tracking
Relationship



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com